Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1702M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ICS1702M
Description  QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS1702M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ICS1702M Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS1702M Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS1702M Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS1702M Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS1702M Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS1702M Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS1702M Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS1702M Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS1702M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
ICS1702
Pin Configuration
Pin Definitions
20-Pin DIP or SOIC
ICS1702
CHG
DCHG
PFN
CMN
MMN
VSS
AUX1
RC
THERM
OPREF
VIN
VDD
AVSS
OTN
SEL1
MRN
SEL0
AUX0
DTSEL
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
unused
Pin Number
Pin Name
Type
Definition
1
CHG
OUT
Active high TTL compatible signal used to turn on an external current source to provide current to charge
the battery.
2
DCHG
OUT
Active high TTL compatible signal available to turn on a discharge circuit.
3
PFN
OUT
Polling detect indicator. An active low turns on an external indicator to show the controller is polling for
the presence of the battery.
4
MMN
OUT
Maintenance mode indicator. An active low turns on an external indicator showing the battery is either in
the topping charge, maintenance charge or auxiliary condition mode. This signal is also applied with the
out-of-temperature range indicator when the controller is in a cold battery charge mode. The indicator
flashes during the auxiliary discharge mode.
5
CMN
OUT
Charge mode indicator. An active low turns on an external indicator to show the controller is either in a
soft start charge or fast charge.
6
OTN
OUT
Out-of-temperature range indicator. An active low turns on an external indicator showing the battery is
out of the normal fast charge temperature range.
7
SEL0
IN
Tri-level input used with the SEL1 pin to program the device for the desired charge rate.
8
VSS
Ground.
9
AVSS
Ground.
10
SEL1
IN
Tri-level input used with the SEL0 pin to program the device for the desired charge rate.
11
MRN
IN
Master reset signal. A logic low pulse greater than 700 ms initiates a device reset.
12
RC
IN
An external resistor and capacitor sets the frequency of the internal clock.
13
DTSEL
IN
Selects temperature slope and/or voltage slope termination.
14
AUX0
IN
Tri-level input used with the AUX1 pin to program the device for an auxiliary operating mode.
15
AUX1
IN
Tri-level input used with the AUX0 pin to program the device for an auxiliary operating mode.
16
THERM
IN
Thermistor or thermal switch input for temperature sensing.
17
OPREF
IN
Open circuit (no battery) voltage reference. An external resistor divider on this pin sets the open circuit
voltage reference used to detect the presence of a battery.
18
VIN
IN
Battery voltage normalized to one cell with an external resistor divider.
19
unused
Ground.
20
VDD
Device supply =+5.0 VDC
Note:
Pin 11 has an internal pull-up.
Pin 16 has an internal pull-up.
Pin 13 has an internal pull-down.
Pins 7, 10, 14, 15 float to 2.3V when unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com