Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1702 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CS1702
Description  QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS1702 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button CS1702 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS1702 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS1702 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS1702 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS1702 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS1702 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS1702 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS1702 Datasheet HTML 9Page - List of Unclassifed Manufacturers CS1702 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
ICS1702
Cells that are not thoroughly conditioned or possess an unusual cell
construction may not have a normal voltage profile. The ICS1702
uses an alternate method of charge termination based on a slight
decrease in the voltage slope to stop charge to cells whose voltage
profile is very shallow. This method looks for a flattening of the
voltage slope which may indicate a shallow peak in the voltage
profile. The zero slope point occurs slightly beyond the peak
voltage and is shown on the voltage curve graph.
Charge Termination Methods
Several charge termination schemes, including voltage slope,
temperature slope, maximum temperature and two overall charge
timers are available. The voltage slope and negative voltage slope
methods may be used with or without the temperature slope and the
maximum temperature method. Maximum temperature and the fast
charge timer are available as backup methods.
Voltage Slope Termination
The most distinctive point on the voltage curve of a charging
battery in response to a constant current is the voltage peak that
occurs as the cell approaches full charge. By mathematically
calculating the first derivative of the voltage, a second curve can be
generated showing the change in voltage with respect to time as
shown in Figure 6. The slope will reach a maximum just before the
actual peak in the cell voltage. Using the voltage slope data, the
ICS1702 calculates the point of full charge and accurately
terminates the applied current as the battery reaches that point. The
actual termination point depends on the charging characteristics of
the particular battery.
Figure 6: Voltage and slope curves showing inflection and zero slope points



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com