Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP684EK Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP684EK
Description  8-Bit CMOS ROM Based Microcontrollers with 8k Memory, Comparator, and Single-slope A/D Capability
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP684EK Datasheet(HTML) 1 Page - National Semiconductor (TI)

  COP684EK Datasheet HTML 1Page - National Semiconductor (TI) COP684EK Datasheet HTML 2Page - National Semiconductor (TI) COP684EK Datasheet HTML 3Page - National Semiconductor (TI) COP684EK Datasheet HTML 4Page - National Semiconductor (TI) COP684EK Datasheet HTML 5Page - National Semiconductor (TI) COP684EK Datasheet HTML 6Page - National Semiconductor (TI) COP684EK Datasheet HTML 7Page - National Semiconductor (TI) COP684EK Datasheet HTML 8Page - National Semiconductor (TI) COP684EK Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
COP888EK
8-Bit CMOS ROM Based Microcontrollers with 8k
Memory, Comparator, and Single-slope A/D Capability
General Description
The COP888EK ROM based microcontrollers are highly in-
tegrated COP8™ Feature core devices with 8k memory and
advanced features including a Multi-Input Comparator and
Single-slope A/D capability. These single-chip CMOS de-
vices are suited for applications requiring a full featured, low
EMI controller with an analog comparator, current source,
and voltage reference. The COP87L88EK/RK Family de-
vices are pin and software compatible (different V
CC range)
16k or 32k OTP (One Time Programmable) versions for pre-
production, and for use with a range of COP8 software and
hardware development tools.
Family features include an 8-bit memory mapped architec-
ture, 10 MHz CKI with 1µs instruction cycle, three multi-
function 16-bit timer/counters with PWM, MICROWIRE/
PLUS™ serial I/O, one analog comparator with seven input
multiplexor, an analog current source and V
CC reference,
two power saving HALT/IDLE modes, idle timer, MIWU, high
current outputs, software selectable I/O options, WATCH-
DOG™ timer and Clock Monitor, Low EMI 2.5V to 6.0V op-
eration and 28/40/44 pin packages.
Devices included in this datasheet are:
Device
Memory (bytes) RAM (bytes) I/O Pins
Packages
Temperature
Comments
COP684EK
8k ROM
256
24
28 DIP/SOIC
-55 to +125˚C 4.5V - 5.5V
COP884EK
8k ROM
256
24
28 DIP/SOIC
-40 to +85˚C
COP984EK
8k ROM
256
24
28 DIP/SOIC
0 to +70˚C
2.5V - 4.0V, EKH=4.0V - 6.0V
COP688EK
8k ROM
256
36/40
40 DIP, 44 PLCC -55 to +125˚C 4.5V - 5.5V
COP888EK
8k ROM
256
36/40
40 DIP, 44 PLCC -40 to +85˚C
COP988EK
8k ROM
256
36/40
40 DIP, 44 PLCC 0 to +70˚C
2.5V - 4.0V, EKH=4.0V - 6.0V
Key Features
n
Analog function block with
— Analog comparator with seven input multiplexor
— Constant current source and V
CC/2 reference
n
Three 16-bit timers, each with two 16-bit registers
supporting:
— Processor Independent PWM mode
— External Event counter mode
— Input Capture mode
n
8 kbytes of on-chip ROM
n
256 bytes of on-chip RAM
Additional Peripheral Features
n
Idle Timer
n
Multi-Input Wake Up (MIWU) with optional interrupts (8)
n
WATCHDOG and Clock Monitor logic
n
MICROWIRE/PLUS serial I/O
I/O Features
n
Software selectable I/O options (TRI-STATE™ Output,
Push-Pull Output, Weak Pull-Up Input, High Impedance
Input)
n
High current outputs
n
Schmitt trigger inputs on Port G and L
n
Packages: 44 PLCC with 40 I/O pins, 40 DIP with 36 I/O
pins, and 28 DIP/SO with 24 I/O pins
CPU/Instruction Set Feature
n
1 µs instruction cycle time
n
Twelve multi-source vectored interrupts servicing
— External Interrupt with selectable edge
— Idle Timer T0
— Three Timers (Each with 2 interrupts)
— MICROWIRE/PLUS
— Multi-Input Wake Up
— Software Trap
— Default VIS (default interrupt)
n
Versatile and easy to use instruction set
n
8-bit Stack Pointer (SP) — stack in RAM
n
Two 8-bit Register Indirect Data Memory Pointers
(B, X)
Fully Static CMOS
n
Single supply operation: 2.5V to 6.0V
n
Temperature ranges: 0˚C to +70˚C, −40˚C to +85˚C, and
−55˚C to +125˚C
COP8™, MICROWIRE/PLUS™, and WATCHDOG™ are trademarks of National Semiconductor Corporation.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
iceMASTER® is a registered trademark of MetaLink Corporation.
OBSOLETE
January 2000
© 2000 National Semiconductor Corporation
DS012094
www.national.com


Similar Part No. - COP684EK

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP684EG NSC-COP684EG Datasheet
598Kb / 53P
8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
COP684EG NSC-COP684EG Datasheet
550Kb / 48P
8-Bit Microcontroller with UART and Three Multi-Function Timers
logo
Texas Instruments
COP684EG TI1-COP684EG Datasheet
631Kb / 55P
COP888xG/CS Family 8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
More results

Similar Description - COP684EK

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP820CJ NSC-COP820CJ Datasheet
497Kb / 35P
8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
COP87L88EK NSC-COP87L88EK Datasheet
515Kb / 41P
8-Bit CMOS OTP Microcontrollers with 8k or 32k Memory, Comparator, and Single-slope A/D Capability
COP888CF NSC-COP888CF Datasheet
572Kb / 44P
8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter
COP888EB NSC-COP888EB Datasheet
835Kb / 75P
8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
COP8ACC5 NSC-COP8ACC5 Datasheet
526Kb / 41P
8-Bit CMOS ROM Based Microcontrollers with 4k Memory and High Resolution A/D
COP8FG NSC-COP8FG Datasheet
801Kb / 59P
8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SG NSC-COP8SG Datasheet
913Kb / 62P
8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGR728M8 NSC-COP8SGR728M8 Datasheet
815Kb / 61P
8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGE7HLQ8 NSC-COP8SGE7HLQ8 Datasheet
913Kb / 62P
8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
logo
Texas Instruments
COP8SGE5 TI1-COP8SGE5_15 Datasheet
1Mb / 79P
COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com