Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C106 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # C106
Description  Glassivated surface for reliability and uniformity
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

C106 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  C106 Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc Thyristors
C106
FEATURES
·
Glassivated surface for reliability and uniformity
·
Practical level triggering and holding characteristics
·
Designed for high volume consumer applications such as
temperature, light, and speed control; process and remote
control, and warning systems where reliability of operation
Is important.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
400
V
VRRM
Repetitive peak off-state voltage
400
V
IT(AV)
Average on-state current
2.5
A
IT(RMS)
RMS on-state current
4
A
PGM
Peak gate power
0.5
W
PG(AV)
Average gate power
0.2
W
ITSM
Non-repetitive peak on-state current
20
A
Tj
Operating junction temperature
125
℃
Tstg
Storage temperature
-40~+ 150
℃
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
IRRM
Repetitive peak reverse current
VRRM=400V
VRRM=400V, Tj= 125℃
10
200
μ
A
IDRM
Repetitive peak off-state current
VDRM=400V
VDRM=400V, Tj= 125℃
10
200
μ
A
IGT
Gate trigger current
VD= 6V; RL=100Ω, RGK=1KΩ
10
200
μ
A
VTM
On-state voltage
IT= 8A
1.75
V
IH
Holding current
VD=24V, RGK=1KΩ, ITM=4A
5
mA
VGT
Gate trigger voltage
VD= 12V; RL=100Ω, RGK=1KΩ
0.8
V


Similar Part No. - C106

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C106 MOTOROLA-C106 Datasheet
98Kb / 4P
SCRs 4 AMPERES RMS 50 thru 600 VOLTS
logo
ON Semiconductor
C106 ONSEMI-C106 Datasheet
62Kb / 6P
Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
GE Solid State
C106 GESS-C106 Datasheet
37Kb / 1P
4-A Sensitive-Gate Silicon Controlled Rectifiers
logo
Sanken electric
C106 SANKEN-C106 Datasheet
1Mb / 18P
Operate on the main AC line 100V and 200V
logo
Digitron Semiconductors
C106 DIGITRON-C106 Datasheet
156Kb / 3P
SILICON CONTROLLED RECTIFIER
More results

Similar Description - C106

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52759SP MITSUBISHI-M52759SP Datasheet
466Kb / 25P
UNIFORMITY FOR CRT DISPLAY MONITOR
logo
Fairchild Semiconductor
MJD47TF FAIRCHILD-MJD47TF Datasheet
44Kb / 4P
High Voltage and High Reliability D-PAK for Surface Mount Applications
logo
Lumileds Lighting Compa...
LHC1-3080-1203 LUMILEDS-LHC1-3080-1203 Datasheet
1Mb / 2P
High Uniformity and High Efficiency Array
logo
List of Unclassifed Man...
LLNF-3T08-H ETC2-LLNF-3T08-H Datasheet
85Kb / 3P
Superior color uniformity for white and multi-color emitters
logo
SemiHow Co.,Ltd.
HCU70R1K5E SEMIHOW-HCU70R1K5E Datasheet
435Kb / 9P
Excellent stability and uniformity
HCA65R042E SEMIHOW-HCA65R042E Datasheet
242Kb / 7P
Excellent stability and uniformity
HCA65R042FE SEMIHOW-HCA65R042FE Datasheet
246Kb / 7P
Excellent stability and uniformity
HCA65R099FE SEMIHOW-HCA65R099FE Datasheet
260Kb / 7P
Excellent stability and uniformity
HCS60R520T SEMIHOW-HCS60R520T Datasheet
201Kb / 7P
Excellent stability and uniformity
logo
Renesas Technology Corp
M52759SP RENESAS-M52759SP Datasheet
321Kb / 27P
Uniformity for CRT Display Monitor
Mar 31, 2008
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com