Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D44C11 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # D44C11
Description  Low Saturation Voltage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

D44C11 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  D44C11 Datasheet HTML 1Page - Inchange Semiconductor Company Limited D44C11 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
1
isc website:www.iscsemi.cn
isc Silicon NPN Power Transistors
D44C11
DESCRIPTION
·Low Saturation Voltage
·Good Linearity of hFE
·Fast Switching Speeds
·Complement to Type D45C11
APPLICATIONS
·Designed for various specific and general purpose application
such as:
output and driver stages of amplifiers operating at
frequencies from DC to greater than 1.0MHz series,
shunt
and switching regulators;
low and high frequency inverters/
converters and many others.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCES
Collector-Emitter Voltage
90
V
VCEO
Collector-Emitter Voltage
80
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
4
A
ICM
Collector Current-Peak
6
A
IB
Base Current-Continuous
1
A
PC
Collector Power Dissipation
@TC=25℃
30
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
4.2
℃/W


Similar Part No. - D44C11

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
D44C11 BOCA-D44C11 Datasheet
148Kb / 3P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Savantic, Inc.
D44C11 SAVANTIC-D44C11 Datasheet
92Kb / 3P
Silicon NPN Power Transistors
D44C11 SAVANTIC-D44C11 Datasheet
93Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
D44C11 NJSEMI-D44C11 Datasheet
645Kb / 3P
Silicon NPN Power Transistors
logo
Central Semiconductor C...
D44C11 CENTRAL-D44C11 Datasheet
355Kb / 2P
SILICON NPN POWER TRANSISTORS
More results

Similar Description - D44C11

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBT1010LT1 LRC-MMBT1010LT1 Datasheet
72Kb / 1P
Low Saturation Voltage
logo
IXYS Corporation
FII30-06D IXYS-FII30-06D Datasheet
395Kb / 5P
low saturation voltage
logo
Sanken electric
FGM622S SANKEN-FGM622S Datasheet
495Kb / 7P
Low Saturation Voltage
logo
MAKO SEMICONDUCTOR CO.,...
2SA1797 MAKOSEMI-2SA1797 Datasheet
122Kb / 2P
Low saturation voltage
logo
Inchange Semiconductor ...
D44C1 ISC-D44C1 Datasheet
191Kb / 2P
Low Saturation Voltage
D44C12 ISC-D44C12 Datasheet
192Kb / 2P
Low Saturation Voltage
D44C4 ISC-D44C4 Datasheet
191Kb / 2P
Low Saturation Voltage
D44C9 ISC-D44C9 Datasheet
191Kb / 2P
Low Saturation Voltage
D45C4 ISC-D45C4 Datasheet
192Kb / 2P
Low Saturation Voltage
logo
STMicroelectronics
STGB20N40LZ STMICROELECTRONICS-STGB20N40LZ Datasheet
1Mb / 20P
Low saturation voltage
04-Jun-2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com