Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT-40 Datasheet(PDF) 2 Page - Teccor Electronics

Part # HT-40
Description  Bilateral Trigger Diacs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

HT-40 Datasheet(HTML) 2 Page - Teccor Electronics

  HT-40 Datasheet HTML 1Page - Teccor Electronics HT-40 Datasheet HTML 2Page - Teccor Electronics HT-40 Datasheet HTML 3Page - Teccor Electronics HT-40 Datasheet HTML 4Page - Teccor Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Bilateral Trigger Diacs
Thyristor Product Catalog
http://www.teccor.com
Teccor Electronics
8 - 2
+1 972-580-7777
General Notes
•
Lead solder temperature is +230°C max. for 10 seconds max.;
≥ 1/16" (1.59mm) from case.
•
See “Package Dimensions” section of this catalog.
Electrical Specification Notes
(1) Breakover Voltage symmetry as close as 1.0V is available from
factory on these products.
(2) See Figures 8.4 and 8.5 for Test Circuit and waveforms.
(3) Typical switching time is 900 nano-seconds measured at IPK
(see Figure 8.4) across a 20
Ω resistor (see Figure 8.5). Switching
time defined as rise time of IPK between the 10% to 90% points.
(4) See Figure 8.7.
Bilateral Trigger DIAC Specifications
•
Maximum Ratings, Absolute-Maximum Values
Maximum Trigger Firing Capacitance: 0.1µF
Device Dissipation (at TA = -40° to +40°C): 250mW for
DO-35 and 300mW for DO-214AA
Derate Above +40°C: 3.6mW/°C for DO-35 and 3mW/°C for
DO-214AA
•
Temperature Ranges
Storage: -40°C to +125°C
Operating (Junction): -40°C to +125°C
Figure 8.1
Typical Diac-Triac Full-Wave Phase Control Circuit using
Lower Voltage Diacs
ELECTRICAL CHARACTERISTICS TC = 25°C
Part No.
VBO
∆VBO
VBB
IBO
ITRM
DO-35
DO-214AA
Breakover Voltage
(Forward and
Reverse)
Volts
Breakover Voltage
Symmetry
∆VBO =
[ | +VBO | - | - VBO | ]
Volts
Dynamic
Breakback
Voltage
(3)
|
∆V± |
Volts
Peak Breakover
Current
at
Breakover
Voltage
µAmps
Peak Pulse
Current
for 10
µs
120 PPS
TA ≤ 40°C
Amps
MIN
MAX
MAX
MIN
MAX
MAX
HT-32
27
37
3 (1)
10 (2)
25
2.0
HT-32A / HT-5761
28
36
2 (1)
7 at 10mA (4)
25
2.0
HT-32B / HT-5761A
30
34
2 (1)
7 at 10mA (4)
25
2.0
HT-34B
ST-34B
32
36
2 (1)
10 (2)
25
2.0
HT-35
ST-35
30
40
3 (1)
10 (2)
25
2.0
HT-36A / HT-5762
ST-36A
32
40
2 (1)
7 at 10mA (4)
25
2.0
HT-36B
ST-36B
34
38
2 (1)
10 (2)
25
2.0
HT-40
ST-40
35
45
3 (1)
10 (2)
25
2.0
HT-60
56
70
4
20 (2)
25
1.5
HT and ST Series Thermal Resistance
Junction to Lead - RθJL: °C/W
Junction to Ambient [RθJA]: °C/W
(based on maximum lead temperature of 90°C for
DO-214AA and 85°C for DO-35 devices)
Y
DO-35
S
DO-214AA
100 [278] °C/W
65 [200] °C/W
120 VAC
60 Hz
LOAD UP TO
1500 WATTS
3.3 K
Ω
200 K
Ω
0.1
µF
100 V
HT-35
BILATERAL
TRIGGER
DIAC
TRIAC
Q2015L5
MT2
MT1
G



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com