Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7341 Datasheet(PDF) 4 Page - International Rectifier

Part # IRF7341
Description  HEXFET Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7341 Datasheet(HTML) 4 Page - International Rectifier

  IRF7341 Datasheet HTML 1Page - International Rectifier IRF7341 Datasheet HTML 2Page - International Rectifier IRF7341 Datasheet HTML 3Page - International Rectifier IRF7341 Datasheet HTML 4Page - International Rectifier IRF7341 Datasheet HTML 5Page - International Rectifier IRF7341 Datasheet HTML 6Page - International Rectifier IRF7341 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IRF7341
4
www.irf.com
0
10
20
30
40
0.040
0.060
0.080
0.100
0.120
I
, Drain Current (A)
D
VGS = 10V
VGS = 4.5V
Fig 5. Normalized On-Resistance
Vs. Temperature
Fig 8. Maximum Avalanche Energy
Vs. Drain Current
Fig 6. Typical On-Resistance Vs. Drain
Current
Fig 7. Typical On-Resistance Vs. Gate
Voltage
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
4.7A
25
50
75
100
125
150
0
40
80
120
160
200
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
2.1A
3.8A
4.7A
0.04
0.06
0.08
0.10
0.12
02468
1 0
A
GS
V
, Gate-to-Source V oltage (V )
I
= 4.7A
D



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com