Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JCS3N65VC Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS3N65VC
Description  High efficiency switch mode power supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS3N65VC Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS3N65VC Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS3N65VC Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS3N65VC Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS3N65VC Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS3N65VC Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS3N65VC Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS3N65VC Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS3N65VC Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R
版本:201407A
1/18
N 沟道增强型场效应晶体管
N-CHANNEL MOSFET
JCS3N65VC
订 货 型 号
Order codes
印
记
Marking
封
装
Package
无 卤 素
Halogen Free
包
装
Packaging
器件重量
Device
Weight
JCS3N65VC-O-V-N-B
JCS3N65V
IPAK
否
NO
条管
Tube
0.35 g(typ)
封装 Package
主要参数
MAIN
CHARACTERISTICS
ID
3.0 A
VDSS
650 V
Rdson(MAX)
4.5Ω
Qg
8.5nC
用途
高频开关电源
电子镇流器
LED 电源
APPLICATIONS
High efficiency switch
mode power supplies
Electronic lamp ballasts
based on half bridge
LED power supplies
产品特性
低栅极电荷
低
Crss (典型值 3.8pF)
开关速度快
产品全部经过雪崩测试
高抗
dv/dt 能力
RoHS 产品
FEATURES
Low gate charge
Low Crss (typical 3.8pF )
Fast switching
100% avalanche tested
Improved dv/dt capability
RoHS product
订货信息 ORDER MESSAGE


Similar Part No. - JCS3N65VC

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS3N25CT-O-C-N-B JSMC-JCS3N25CT-O-C-N-B Datasheet
3Mb / 12P
N-CHANNEL MOSFET
JCS3N25FT-O-F-N-B JSMC-JCS3N25FT-O-F-N-B Datasheet
3Mb / 12P
N-CHANNEL MOSFET
JCS3N25RT-O-R-N-A JSMC-JCS3N25RT-O-R-N-A Datasheet
3Mb / 12P
N-CHANNEL MOSFET
JCS3N25RT-O-R-N-B JSMC-JCS3N25RT-O-R-N-B Datasheet
3Mb / 12P
N-CHANNEL MOSFET
JCS3N25T JSMC-JCS3N25T Datasheet
3Mb / 12P
N-CHANNEL MOSFET
More results

Similar Description - JCS3N65VC

ManufacturerPart #DatasheetDescription
logo
Ruichips Semiconductor ...
RU6Z8R RUICHIPS-RU6Z8R Datasheet
468Kb / 9P
High efficiency switch mode power supplies
RU6Z5R RUICHIPS-RU6Z5R Datasheet
465Kb / 9P
High efficiency switch mode power supplies
logo
JILIN SINO-MICROELECTRO...
JCS1HN65C JSMC-JCS1HN65C Datasheet
422Kb / 9P
High efficiency switch mode power supplies
JCS9N90WT JSMC-JCS9N90WT Datasheet
910Kb / 8P
High efficiency switch mode power supplies
JCS11N90WT JSMC-JCS11N90WT Datasheet
877Kb / 8P
High efficiency switch mode power supplies
JCS15N65H JSMC-JCS15N65H Datasheet
1Mb / 9P
High efficiency switch mode power supplies
JCS20N60ANH JSMC-JCS20N60ANH Datasheet
895Kb / 8P
High efficiency switch mode power supplies
JCS20N60CAH JSMC-JCS20N60CAH Datasheet
845Kb / 8P
High efficiency switch mode power supplies
JCS20N60WH JSMC-JCS20N60WH Datasheet
889Kb / 8P
High efficiency switch mode power supplies
logo
Shenzhen Huazhimei Semi...
HM1N60 HMSEMI-HM1N60 Datasheet
732Kb / 12P
High efficiency switch mode power supplies
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com