Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JCS75N75F Datasheet(PDF) 7 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS75N75F
Description  High efficiency switching DC/DC converters and
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS75N75F Datasheet(HTML) 7 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Back Button JCS75N75F Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS75N75F Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS75N75F Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS75N75F Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS75N75F Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS75N75F Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS75N75F Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS75N75F Datasheet HTML 10Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS75N75F Datasheet HTML 11Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
R
JCS75N75F
版本:201504B
7/11
1E - 5
1 E - 4
1E - 3
0. 0 1
0. 1
1
10
0. 0 1
0. 1
1
t 2
t 1
D= 0 . 5
0. 2
0. 1
0. 05
0. 0 2
t
1 S q u a r e
W ave P u l s e D u r a t i o n [ sec ]
s i ngl e pul s e
0. 0 1
No t e s :
1 Z θ JC (t)= 0 .6 0 ℃ /W M a x
2 Du t y F a c t o r , D= t 1 /t 2
3 T JM -T c =P DM * Z θ JC (t)
P
DM
1E - 5
1 E - 4
1E - 3
0. 0 1
0. 1
1
10
0. 0 1
0. 1
1
t 2
t 1
D= 0 . 5
0. 2
0. 1
0. 0 5
0. 0 2
t
1 S qua r e
W a v e P u l s e D u r a t i on [ s ec ]
s i ngl e pul s e
0. 0 1
N o t es:
1 Z θ JC (t)= 3 .4 1
/ W M a x
℃
2 D u t y Fa c t or , D = t 1 /t 2
3 T JM -T c =P DM * Z θ JC (t)
P
DM
Transient Thermal Response Curve
For JCS75N75FF
Transient Thermal Response Curve
For JCS75N75CF/SF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com