Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6019 Datasheet(PDF) 13 Page - International Rectifier

Part # HIP6019
Description  5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HIP6019 Datasheet(HTML) 13 Page - International Rectifier

Back Button HIP6019 Datasheet HTML 9Page - International Rectifier HIP6019 Datasheet HTML 10Page - International Rectifier HIP6019 Datasheet HTML 11Page - International Rectifier HIP6019 Datasheet HTML 12Page - International Rectifier HIP6019 Datasheet HTML 13Page - International Rectifier HIP6019 Datasheet HTML 14Page - International Rectifier HIP6019 Datasheet HTML 15Page - International Rectifier HIP6019 Datasheet HTML 16Page - International Rectifier HIP6019 Datasheet HTML 17Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
IRU3007
13
Rev. 2.1
08/20/02
www.irf.com
DMIN
≈ (3.3 + 0.5) / (5.25 - 0.27 + 0.5) = 0.69
PDD = (1 - DMIN)
3Io3Vf
PDD = (1 - 0.69)
31030.5 = 1.55W
For Vo = 1.5V, VIN = 3.3V and IL = 2A:
RDS(MAX) = (VIN - Vo) / IL = (3.3 - 1.5) / 2 = 0.9
V
Vcs = ICL
3RDS = 2230.019 = 0.418V
Rcs = Vcs / IB = (0.418V) / (200
mA) = 2.1KV
PDH = DMAX
3Io23RDS(MAX)
PDH = 0.76
310230.029 = 2.21W
RDS(MAX) = Maximum RDS(ON) of the MOSFET at 125
8C
For diode, the maximum power dissipation happens at
minimum Vo and minimum duty cycle.
Switcher Current Limit Protection
The IRU3007 uses the MOSFET RDS(ON) as the sensing
resistor to sense the MOSFET current and compares to
a programmed voltage which is set externally via a re-
sistor (Rcs) placed between the drain of the MOSFET
and the “CS+” terminal of the IC as shown in the appli-
cation circuit.
For example, if the desired current limit point is set to
be 22A for the synchronous and 16A for the non syn-
chronous, and from our previous selection, the maxi-
mum MOSFET RDS(ON)=19mW, then the current sense
resistor Rcs is calculated as:
Vcore
Where:
IB=200
mA is the internal current setting of the
IRU3007
3.3V supply
1.5V, GTL+ Supply LDO Power MOSFET Selection
The first step in selecting the power MOSFET for the
1.5V linear regulator is to select its maximum RDS(ON) of
the pass transistor based on the input to output Dropout
voltage and the maximum load current.
Note: Since the MOSFETs RDS(ON) increases with tem-
perature, this number must be divided by
≈ 1.5, in order
to find the RDS(ON) max at room temperature. The Motorola
MTP3055VL has a maximum of 0.18
V RDS(ON) at room
temperature, which meets our requirement.
To select the heat sink for the LDO MOSFET the first
step is to calculate the maximum power dissipation of
the device and then follow the same procedure as for the
switcher.
Where:
PD = Power Dissipation of the Linear Regulator
IL = Linear Regulator Load Current
For the 1.5V and 2A load:
Assuming TJ(MAX) = 125
8C:
With the maximum heat sink temperature calculated in
the previous step, the heat-sink-to-air thermal resistance
(
uSA) is calculated as follows:
Assuming TA = 35
8C:
The same heat sink as the one selected for the switcher
MOSFETs is also suitable for the 1.5V regulator.
2.5V Clock Supply
The IRU3007 provides a complete 2.5V regulator with a
minimum of 200mA current capability. The internal regu-
lator has short circuit protection with internal thermal
shutdown.
1.5V and 2.5V Supply Resistor Divider Selection
Since the internal voltage reference for the linear regula-
tors is set at 1.26V for IRU3007, there is a need to use
external resistor dividers to step up the voltage. The re-
sistor dividers are selected using the following equations:
Where:
Rt = Top resistor divider
RB = Bottom resistor divider
VREF = 1.26V typical
For 1.5V supply
Assuming RB = 1K
V:
Vcs = ICL
3RDS = 1630.019 = 0.3V
Rcs = Vcs / IB = (0.3V) / (200
mA) = 1.50KV
Rt = RB
3
[(Vo / VREF) - 1]
Rt = 1
3
[(1.5 / 1.26) - 1] = 191V
Vo = (1 + Rt / RB)
3VREF
DT = Ts - TA = 118 - 35 = 838C
Temperature Rise Above Ambient
uSA = DT / PD = 83 / 3.6 = 238C/W
PD = (VIN - Vo)
3IL
PD = (3.3 - 1.5)
32 = 3.6W
Ts = TJ - PD
3(uJC + ucs)
Ts = 125 - 3.6
3(1.8 + 0.05) = 1188C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com