Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2220H393DGGALTU Datasheet(PDF) 15 Page - Kemet Corporation

Part # C2220H393DGGALTU
Description  Surface Mount Multilayer Ceramic Chip Capacitors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C2220H393DGGALTU Datasheet(HTML) 15 Page - Kemet Corporation

Back Button C2220H393DGGALTU Datasheet HTML 11Page - Kemet Corporation C2220H393DGGALTU Datasheet HTML 12Page - Kemet Corporation C2220H393DGGALTU Datasheet HTML 13Page - Kemet Corporation C2220H393DGGALTU Datasheet HTML 14Page - Kemet Corporation C2220H393DGGALTU Datasheet HTML 15Page - Kemet Corporation C2220H393DGGALTU Datasheet HTML 16Page - Kemet Corporation C2220H393DGGALTU Datasheet HTML 17Page - Kemet Corporation C2220H393DGGALTU Datasheet HTML 18Page - Kemet Corporation C2220H393DGGALTU Datasheet HTML 19Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1069_C0G_HV_HT_200C • 3/24/2016 15
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
HV-HT Series, High Voltage, High Temperature 200°C, C0G Dielectric, 500 – 2,000 VDC (Industrial Grade)
Table 4 – Performance & Reliability: Test Methods and Conditions
Product Qualification Test Plan
Reliability/Environmental Tests per MIL–STD–202//JESD22
Load Humidity
85°C/85%RH and 200 VDC maximum, 1,000 Hours
Low Voltage Humidity
85°C/85%RH, 1.5V, 1,000 Hours
Temperature Cycling
−55°C to +200°C, 50 Cycles
Thermal Shock
−55°C to +150°C, 20 seconds transfer, 15 minute dwell, 300 Cycles
Moisture Resistance
Cycled Temp/RH 0 V, 10 cycles @ 24 hours each
Physical, Mechanical & Process Tests per MIL–STD 202/JIS–C–6429
Resistance to Solvents
Include Aqueous wash chemical – OKEM Clean or equivalent
Mechanical Shock and Vibration
Method 213: Figure 1, Condition F Method 204: 5 gs for 20 minutes, 12 cycles
Resistance to Soldering Heat
Condition B, no per-heat of samples, Single Wave Solder
Terminal Strength
Force of 1.8 kg for 60 seconds
Board Flex
Appendix 2, Note: 3.0 mm (minimum)
Storage and Handling
Ceramic chip capacitors should be stored in normal working environments. While the chips themselves are quite robust in other
environments, solderability will be degraded by exposure to high temperatures, high humidity, corrosive atmospheres, and long term
storage. In addition, packaging materials will be degraded by high temperature– reels may soften or warp and tape peel force may
increase. KEMET recommends that maximum storage temperature not exceed 40°C and maximum storage humidity not exceed 70%
relative humidity. In addition, temperature fluctuations should be minimized to avoid condensation on the parts and atmospheres should
be free of chlorine and sulfur bearing compounds. For optimized solderability chip stock should be used promptly, preferably within the
time frame outlined in the table below:
Termination Finish
Termination Finish Ordering Code1
Storage Life
100% Matte Tin (Sn)
C
1.5 years upon receipt
SnPb (5% Pb min.)
L
1.5 years upon receipt
Gold (Au) 1.97 – 11.8 µin2
E
6 months upon receipt2
Gold (Au) 30 – 50 µin
F
1.5 years upon receipt
Gold (Au) 100 µin min.
G
1.5 years upon receipt
1
The fourteenth (14th) character position of the KEMET part number is assigned to identify and/or define the termination
finish. For more information, see “Ordering Information” section of this document.
2
Gold plating option “E” devices should remain in its factory sealed moisture sensitive packaging during storage. If the factory sealed packaging is disturbed please
store any remaining packaged components in a dry box container to prevent oxidation of the termination finish.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com