Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAS100-P Datasheet(PDF) 1 Page - LEM

Part # HAS100-P
Description  Current Transducer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HAS100-P Datasheet(HTML) 1 Page - LEM

  HAS100-P Datasheet HTML 1Page - LEM HAS100-P Datasheet HTML 2Page - LEM HAS100-P Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1/3
29October2012/version 6
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
I
PN = 50 .. 600 A
Features
● Hall effect measuring principle
● Galvanic isolation between
primary and secondary circuit
● Low power consumption
● Extended measuring range
(3 x
I
PN)
● Isolated plastic case made of
polycarbonate PBT recognized
according to UL 94-V0
● Right angle pins for direct PCB
mounting.
Advantages
● Easy mounting
● Small size and space saving
● Only one design for wide current
ratings range
● High immunity to external
interference.
Applications
● AC variable speed drives
● Static converters for DC motor
drives
● Battery supplied applications
● Uninterruptible Power Supplies
(UPS)
● Switched Mode Power Supplies
(SMPS)
● Power supplies for welding
applications.
Application domain
● Industrial.
Current Transducer HAS 50 .. 600-P
For the electronic measurement of currents: DC, AC, pulsed...,
with galvanic isolation between the primary circuit and the secondary
circuit.
Electrical data
Type
Primary nominal Primary current,
RoHS since
current rms
measuring range
date code
I
PN (A)
I
PM (A)
HAS 50-P
50
± 150
46065
HAS 100-P
100
± 300
46062
HAS 200-P
200
± 600
76273
HAS 300-P
300
± 900
76273
HAS 400-P
400
± 900
46131
HAS 500-P
500
± 900
46216
HAS 600-P
600
± 900
76273
V
C
Supply voltage (± 5 %) 1)
± 15
V
I
C
Current consumption
± 15
mA
R
IS
Isolation resistance @ 500 VDC
> 1000
MΩ
V
OUT
Output voltage (Analog) @ ±
I
PN, RL = 10 kΩ, TA = 25°C
± 4 V ± 40
mV
R
OUT
Output internal resistance
approx
100
Ω
R
L
Load resistance 2)
> 1
kΩ
X
Accuracy @
I
PN, TA = 25°C (excluding offset)
< ± 1
%
Accuracy - Dynamic performance data
ε
L
Linearity error 3) (0 .. ±
I
PN)
< ± 1
% of
I
PN
V
OE
Electrical offset voltage,
T
A = 25°C
< ± 20
mV
V
OH
Hysteresis offset voltage @
I
P = 0,
after an excursion of 1 x
I
PN
< ± 20
mV
TCV
OE Temperature coefficient of VOE
HAS 50-P
< ± 2
mV/K
HAS 100 .. 600-P < ± 1
mV/K
TCV
OUT Temperature coefficient of VOUT (% of reading)
< ± 0.1
%/K
t
r
Response time to 90 % of
I
PN step
< 3
µs
di/dt di/dt accurately followed
> 50
A/µs
BW
Frequency bandwidth 4) (small signal, - 3 dB)
DC .. 50
kHz
T
A
Ambient operating temperature
- 10 .. + 80
°C
General data
T
S
Ambient storage temperature
- 25 .. + 85
°C
m
Mass
80
g
Standard
EN 50178:1997
Notes: 1) Operating at ± 12 V ≤
V
C < ± 15 V will reduce the measuring range
2)
If the customer uses 1 kΩ of the load resistor, the primary current has to be
limited as the nominal. To measure the full defined measuring range, the
load resistor should be at minimum 10 kΩ
3)
Linearity data exclude the electrical offset
4)
Please refer to derating curves in the technical file to avoid excessive core
heating at high frequency.


Similar Part No. - HAS100-P

ManufacturerPart #DatasheetDescription
logo
LEM
HAS100-P LEM-HAS100-P Datasheet
132Kb / 2P
Current Transducers HAS 50~600-P
HAS100-P LEM-HAS100-P Datasheet
808Kb / 2P
Current Transducers
More results

Similar Description - HAS100-P

ManufacturerPart #DatasheetDescription
logo
LEM
HAL100-S LEM-HAL100-S Datasheet
40Kb / 2P
Current Transducer
HAS50-S LEM-HAS50-S_06 Datasheet
723Kb / 2P
Current Transducer
HAT200-S LEM-HAT200-S Datasheet
374Kb / 3P
Current Transducer
HTFS200-P LEM-HTFS200-P_05 Datasheet
166Kb / 3P
Current Transducer
HX03-SP2 LEM-HX03-SP2 Datasheet
660Kb / 2P
Current Transducer
HXS50-NP LEM-HXS50-NP Datasheet
295Kb / 3P
Current Transducer
LA125-P LEM-LA125-P_06 Datasheet
66Kb / 2P
Current Transducer
LA200-P LEM-LA200-P_06 Datasheet
274Kb / 2P
Current Transducer
LF305-S LEM-LF305-S_06 Datasheet
190Kb / 3P
Current Transducer
LF2005-S LEM-LF2005-S_06 Datasheet
84Kb / 2P
Current Transducer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com