Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC97A6 Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # MAC97A6
Description  AC switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

MAC97A6 Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  MAC97A6 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. MAC97A6 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. MAC97A6 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. MAC97A6 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. MAC97A6 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
R
版本:
201510B
1/5
双向晶闸管
TRIACS
MAC97A6
主要参数
MAIN CHARACTERISTICS
IT(RMS)
0.8A
VDRM
600V
IGT
5mA
用途
APPLICATIONS
交流开关
AC switching
相位控制
Phase control
产品特性
FEATURES
玻璃钝化芯片,
高可靠性和一
致性
Glass-passivated mesa
chip for reliability and
uniform
低通态电流和高
浪涌电流能力
Low on-state voltage and
High ITSM
封装
Package
序号
Pin
引线名称
Description
1
主电极
1
MT1
2
门极
G
3
主电极
2
MT2
环保 RoHS 产品
RoHS products
订货信息
ORDER MESSAGES
订 货 型 号
Order code
印
记
Marking
封
装
Package
包
装
Packaging
MAC97A6-O-T-N-C
MAC97A6
TO-92
袋装
Bag
绝对最大额定值
ABSOLUTE RATINGS (TC=25℃)
项
目
Parameter
符
号
Symbol
试 验 条 件
Condition
数 值
Value
单位
Unit
重复峰值断态电压
Repetitive peak off-state voltage
VDRM
±
600
V
通态方均根电流
On-state RMS current IT(RMS) full sine wave
0.8
A
full sine wave ,t=20ms
8
A
非重复浪涌峰值通态电流
Non-
repetitive surge peak on-state current
ITSM
full sine wave ,t=16.7ms
9
A
I2t
t=10ms
0.45
A2s
通态电流临界上升率
Repetitive rate of
rise of on-state current after triggering
dI/dt
20
A/μs
峰值门极电流
Peak gate current
IGM
1
A
平均门极功率
Average gate power
PG(AV) over any 20ms period
0.1
W
存储温度
Storage temperature
Tstg
-40~150 ℃
操作结温
Operation junction temperature
TVJ
110
℃
TO-92


Similar Part No. - MAC97A6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MAC97A6 PHILIPS-MAC97A6 Datasheet
219Kb / 12P
Logic level triac
Rev. 01-29 March 2001
logo
ON Semiconductor
MAC97A6 ONSEMI-MAC97A6 Datasheet
84Kb / 8P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
September, 2005 ??Rev. 9
logo
Unisonic Technologies
MAC97A6 UTC-MAC97A6 Datasheet
130Kb / 5P
LOGIC LEVEL TRIAC
logo
Inchange Semiconductor ...
MAC97A6 ISC-MAC97A6 Datasheet
55Kb / 1P
Triacs
logo
Tiger Electronic Co.,Lt...
MAC97A6 TGS-MAC97A6 Datasheet
98Kb / 1P
TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - MAC97A6

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3CT1S JSMC-3CT1S Datasheet
195Kb / 5P
AC switching
3CT4S JSMC-3CT4S Datasheet
412Kb / 8P
AC switching
3CT25S JSMC-3CT25S Datasheet
343Kb / 9P
AC switching
3FT1N2 JSMC-3FT1N2 Datasheet
317Kb / 7P
AC switching
3FT1T1 JSMC-3FT1T1 Datasheet
264Kb / 5P
AC switching
3FT4C JSMC-3FT4C Datasheet
289Kb / 9P
AC switching
BT131 JSMC-BT131 Datasheet
313Kb / 6P
AC switching
BT134 JSMC-BT134 Datasheet
369Kb / 6P
AC switching
BT137 JSMC-BT137 Datasheet
301Kb / 7P
AC switching
T0435NU JSMC-T0435NU Datasheet
287Kb / 6P
AC switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com