Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR4045WR Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # MBR4045WR
Description  High frequency switch power supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

MBR4045WR Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  MBR4045WR Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR4045WR Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR4045WR Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR4045WR Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR4045WR Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR4045WR Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR4045WR Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR4045WR Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
R
MBR4045
版本(Rev):201408A
2/8
绝对最大额定值
ABSOLUTE RATINGS (Tc=25℃)
项
目
Parameter
符
号
Symbol
数
值
Value
单
位
Unit
最大反向重复峰值电压
Repetitive peak reverse voltage
VRRM
45
V
最大直流阻断电压
Maximum DC blocking voltage
VDC
45
V
正向平均整流电流
Average forward
current
TC=125℃
(TO-220,
TO-3PB,TO-247)
TC=100℃
(TO-220HF)
整个器件
per device
单
侧
per diode
IF(AV)
40
20
A
正向峰值浪涌电流
Surge non repetitive
forward current
(额定负载 8.3ms 半正弦波—按 JEDEC 方法)
8.3 ms single half-sine-wave (JEDEC Method)
IFSM
300
A
最高结温
Maximum junction temperature
Tj
150
℃
储存温度
Storage temperature range
TSTG
-40~+150
℃
电特性 ELECTRICAL CHARACTERISTICS
热特性 THERMAL CHARACTERISTICS
项
目
Parameter
符
号
Symbol
最小值
Value(min)
最大值
Value(max)
单
位
Unit
结到管壳的热阻
Thermal resistance from
junction to case
TO-220
TO-3PB
TO-247
TO-220HF
Rth(j-c)
1.7
1.9
1.9
2.4
/W
℃
项
目
Parameter
测试条件
Tests conditions
最小值
Value(min)
典型值
Value(typ)
最大值
Value(max)
单位
Unit
Tj =25℃
50
μA
IR
Tj =125℃
VR=VRRM
40
mA
Tj =25℃
0.47
0.52
V
Tj =125℃
IF=10A
0.40
0.44
V
Tj =25℃
0.54
0.6
V
VF
Tj =125℃
IF=20A
0.50
0.54
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com