Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP888XG Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP888XG
Description  8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP888XG Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button COP888XG Datasheet HTML 15Page - National Semiconductor (TI) COP888XG Datasheet HTML 16Page - National Semiconductor (TI) COP888XG Datasheet HTML 17Page - National Semiconductor (TI) COP888XG Datasheet HTML 18Page - National Semiconductor (TI) COP888XG Datasheet HTML 19Page - National Semiconductor (TI) COP888XG Datasheet HTML 20Page - National Semiconductor (TI) COP888XG Datasheet HTML 21Page - National Semiconductor (TI) COP888XG Datasheet HTML 22Page - National Semiconductor (TI) COP888XG Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
CONTROL REGISTERS (Continued)
ICNTRL Register (Address X'00E8)
Reserved
LPEN
T0PND
T0EN
µWPND
µWEN
T1PNDB
T1ENB
Bit 7
Bit 0
The ICNTRL register contains the following bits:
Reserved This bit is reserved and should be zero
LPEN
L Port Interrupt Enable (Multi-Input Wakeup/
Interrupt)
T0PND
Timer T0 Interrupt pending
T0EN
Timer T0 Interrupt Enable (Bit 12 toggle)
µWPND
MICROWIRE/PLUS interrupt pending
µWEN
Enable MICROWIRE/PLUS interrupt
T1PNDB
Timer T1 Interrupt Pending Flag for T1B cap-
ture edge
T1ENB
Timer T1 Interrupt Enable for T1B Input cap-
ture edge
T2CNTRL Register (Address X'00C6)
T2C3
T2C2
T2C1
T2C0
T2PNDA
T2ENA
T2PNDB
T2ENB
Bit 7
Bit 0
The T2CNTRL control register contains the following bits:
T2C3
Timer T2 mode control bit
T2C2
Timer T2 mode control bit
T2C1
Timer T2 mode control bit
T2C0
Timer
T2
Start/Stop
control
in
timer
modes 1 and 2, T2 Underflow Interrupt Pend-
ing Flag in timer mode 3
T2PNDA
Timer T2 Interrupt Pending Flag (Autoreload
RA in mode 1, T2 Underflow in mode 2, T2A
capture edge in mode 3)
T2ENA
Timer T2 Interrupt Enable for Timer Underflow
or T2A Input capture edge
T2PNDB
Timer T2 Interrupt Pending Flag for T2B cap-
ture edge
T2ENB
Timer T2 Interrupt Enable for Timer Underflow
or T2B Input capture edge
Note: The T2CNTRL register is not available on the CS series.
T3CNTRL Register (Address X'00B6)
T3C3
T3C2
T3C1
T3C0
T3PNDA
T3ENA
T3PNDB
T3ENB
Bit 7
Bit 0
The T3CNTRL control register contains the following bits:
T3C3
Timer T3 mode control bit
T3C2
Timer T3 mode control bit
T3C1
Timer T3 mode control bit
T3C0
Timer
T3
Start/Stop
control
in
timer
modes 1 and 2, T3 Underflow Interrupt Pend-
ing Flag in timer mode 3
T3PNDA
Timer T3 Interrupt Pending Flag (Autoreload
RA in mode 1, T3 Underflow in mode 2, T3A
capture edge in mode 3)
T3ENA
Timer T3 Interrupt Enable for Timer Underflow
or T3A Input capture edge
T3PNDB
Timer T3 Interrupt Pending Flag for T3B cap-
ture edge
T3ENB
Timer T3 Interrupt Enable for Timer Underflow
or T3B Input capture edge
Note: The T3CNTRL regoster os mpt avao;ab;e pm tje CS series.
Timers
These devices contain a very versatile set of timers (T0, T1,
T2, T3 for all except the CS series, which only use T0 and
T1). All timers and associated autoreload/capture registers
power up containing random data.
TIMER T0 (IDLE TIMER)
The device supports applications that require maintaining
real time and low power with the IDLE mode. This IDLE
mode support is furnished by the IDLE timer T0, which is a
16-bit timer. The Timer T0 runs continuously at the fixed rate
of the instruction cycle clock, t
c. The user cannot read or
write to the IDLE Timer T0, which is a count down timer.
The Timer T0 supports the following functions:
j Exit out of the Idle Mode (See Idle Mode description)
j WATCHDOG logic (See WATCHDOG description)
j Start up delay out of the HALT mode
The IDLE Timer T0 can generate an interrupt when the thir-
teenth bit toggles. This toggle is latched into the T0PND
pending flag, and will occur every 4 ms at the maximum
clock frequency (t
c = 1 µs). A control flag T0EN allows the in-
terrupt from the thirteenth bit of Timer T0 to be enabled or
disabled. Setting T0EN will enable the interrupt, while reset-
ting it will disable the interrupt.
TIMER T1, TIMER T2 AND TIMER T3
These devices can have a set of up to three powerful timer/
counter blocks, T1, T2 and T3. The associated features and
functioning of a timer block are described by referring to the
timer block Tx. Since the three timer blocks, T1, T2 and T3
are identical, all comments are equally applicable to any of
the three timer blocks.
Each timer block consists of a 16-bit timer, Tx, and two sup-
porting 16-bit autoreload/capture registers, RxA and RxB.
Each timer block has two pins associated with it, TxA and
TxB. The pin TxA supports I/O required by the timer block,
while the pin TxB is an input to the timer block. The powerful
and flexible timer block allows the device to easily perform all
timer functions with minimal software overhead. The timer
block has three operating modes: Processor Independent
PWM mode, External Event Counter mode, and Input Cap-
ture mode.
The control bits TxC3, TxC2, and TxC1 allow selection of the
different modes of operation.
Mode 1. Processor Independent PWM Mode
As the name suggests, this mode allows the device to gen-
erate a PWM signal with very minimal user intervention. The
user only has to define the parameters of the PWM signal
(ON time and OFF time). Once begun, the timer block will
continuously generate the PWM signal completely indepen-
dent of the microcontroller. The user software services the
timer block only when the PWM parameters require updat-
ing.
In this mode the timer Tx counts down at a fixed rate of t
c.
Upon every underflow the timer is alternately reloaded with
the contents of supporting registers, RxA and RxB. The very
first underflow of the timer causes the timer to reload from
the register RxA. Subsequent underflows cause the timer to
be reloaded from the registers alternately beginning with the
register RxB.
The Tx Timer control bits, TxC3, TxC2 and TxC1 set up the
timer for PWM mode operation.
Figure 8 shows a block diagram of the timer in PWM mode.
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com