Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP122 Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # TIP122
Description  Engine ignition
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

TIP122 Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  TIP122 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. TIP122 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. TIP122 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. TIP122 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. TIP122 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
R
TIP122
版本:201603A
2/5
绝对最大额定值
ABSOLUTE RATINGS (Tc=25℃)
电特性 ElECTRICAL CHARACTERISTIC
热特性 THERMAL CHARACTERISTIC
Parameter
Symbol
最小值
Value(min)
最大值
Value(max)
Unit
结到管壳的热阻 TO-220C
Thermal Resistance Junction Case
TO-220C
Rth(j-c)
-
1.923
/W
Parameter
Symbol
Value
Unit
集电极—发射极直流电压
Collector- Emitter Voltage(VBE=0) VCES
100
V
集电极—发射极直流电压
Collector- Emitter Voltage(IB=0)
VCEO
100
V
发射极—基极直流电压
Emitter-Base Voltage
VEBO
5
V
最大集电极直流电流
Collector Current(DC)
IC
5
A
最大集电极脉冲电流
Collector Current(pulse)
ICP
8
A
最大基极直流电流
Base Current(DC)
IB
120
mA
最大集电极耗散功率
Total Dissipation (TO-220C)
PC
65
W
最高结温
Junction Temperature
Tj
150
贮存温度
Storage Temperature
Tstg
-55~+150
Parameter
测试条件
Tests conditions
最小值
Value(min)
典型值
Value(typ)
最大值
Value(max)
单位
Unit
V(BR)CEO
IC=10mA,IB=0
100
-
-
V
V(BR)CBO
IC=1mA,IE=0
100
-
-
V
ICBO
VCB=100V, IE=0
-
-
0.2
mA
ICEO
VCE=50V,IB=0
-
-
0.5
mA
IEBO
VEB=5V, IC=0
-
-
2
mA
Hfe(1)
VCE =3V,
IC=500mA
1000
-
-
Hfe(2)
VCE =3V,
IC=3A
1000
-
-
VCE(sat)(1)
IC=3A,
IB=12mA
-
-
2.0
V
VCE(sat)(2)
IC=5A,
IB=20mA
-
-
4.0
V
VBE(sat)
IC=3A,
IB=12mA
-
-
2.5
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com