Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

201XR103C Datasheet(PDF) 2 Page - CTS Corporation

Part # 201XR103C
Description  Commercial 15 mmDiameter Carbon Composition Trimmer Potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

201XR103C Datasheet(HTML) 2 Page - CTS Corporation

  201XR103C Datasheet HTML 1Page - CTS Corporation 201XR103C Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A– ±10%
B– ±20%
C– ±30%
MOUNTING STYLE
X – VERTICAL
MOUNT
U – HORIZONTAL
MOUNT
KNOB TYPE
R – SCREWDRIVER SLOTTED,
SMOOTH EDGE
Type 201XR
Type 201UR
201
X
R
103
B
Ordering Information
RESISTANCE CODE
EXAMPLES
CODE RESISTANCE
501
500 Ω
102
1K
103
10K
503
50K
104
100K
1.02
5.54
Ø15.1
11.1
7.54
.297
.437
.040
.218
.594
R
CTS
DIMENSION:
mm
INCH
DIMENSION:
mm
INCH
2 - 2
CTS
www.ctscorp.com
4.37
.172
.055(3)
3.96
.156
4.37
.172
Ø
1.4
1.02
.040
5.87
.231
3.96
.156
11/13/13
© 2013 CTS Corporation. All rights reserved. Information subject to change.
Electrocomponents
RESIST TOL
Ø15.1
.594
5.54
.218
11.1
.437
7.54
.297
CTS
R
1.02
.040
1.02
.04
MAX
12.7
.500
5.60
.220
2.78
.109
MTG. SURFACE
4.0
.157
DIA
MIN
.187
Ø
4.76
Ø
6.76
.266
3.17(2)
.125
4.37
.172
Ø
1.40(2)
.055
6.76
.266
1.42(2)
.056
11.10
.437
4.37
.172



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com