Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX40CELL Datasheet(PDF) 2 Page - MDE Semiconductor, Inc.

Part # MAX40CELL
Description  HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE STAND-OFF VOLTAGE 12 to 150 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

MAX40CELL Datasheet(HTML) 2 Page - MDE Semiconductor, Inc.

  MAX40CELL Datasheet HTML 1Page - MDE Semiconductor, Inc. MAX40CELL Datasheet HTML 2Page - MDE Semiconductor, Inc. MAX40CELL Datasheet HTML 3Page - MDE Semiconductor, Inc. MAX40CELL Datasheet HTML 4Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NUMBER
Numbers
of Cell
REVERSE
STAND-
OFF
VOLTAGE
VRWM(V)
BREAKDOWN
VOLTAGE
VBR(V)
MIN. @IT
TEST
CURRENT
IT
(mA)
PEAK
PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@ VRWM
IR(μA)
MAXIMUM
CLAMPING
VOLTAGE
@IPP VC (V)
MAX40-12CA
2
12
14.0
50
2010.1
2000
19.9
MAX40-13CA
2
13
15.2
50
1860.5
2000
21.5
MAX40-14CA
2
14
16.4
50
1724.1
2000
23.2
MAX40-15CA
2
15
17.6
5
1639.3
500
24.4
MAX40-16CA
2
16
18.8
5
1538.5
200
26.0
MAX40-17CA
2
17
19.9
5
1449.3
50
27.6
MAX40-18CA
2
18
21.1
5
1369.6
20
29.2
MAX40-20CA
2
20
23.4
5
1234.6
20
32.4
MAX40-22CA
2
22
25.7
5
1126.8
20
35.5
MAX40-24CA
2
24
28.1
5
1028.3
20
38.9
MAX40-26CA
2
26
30.4
5
950.1
20
42.1
MAX40-28CA
2
28
32.8
5
881.1
20
45.4
MAX40-30CA
2
30
35.1
5
826.4
20
48.4
MAX40-33CA
2
33
38.7
5
750.5
20
53.3
MAX40-36CA
2
36
42.1
5
688.5
20
58.1
MAX40-40CA
2
40
46.8
5
620.2
20
64.5
MAX40-43CA
3
43
50.3
5
576.4
20
69.4
MAX40-45CA
3
45
52.7
5
550.2
20
72.7
MAX40-48CA
3
48
56.1
5
516.8
20
77.4
MAX40-51CA
3
51
59.7
5
485.4
20
82.4
MAX40-54CA
3
54
63.2
5
459.2
20
87.1
MAX40-58CA
4
58
67.8
5
427.4
20
93.6
MAX40-60CA
4
60
70.2
5
413.2
20
96.8
MAX40-64CA
4
64
74.9
5
388.3
20
103.0
MAX40-70CA
4
70
81.9
5
354.0
20
113.0
MAX40-75CA
4
75
87.7
5
330.6
20
121.0
MAX40-78CA
4
78
91.3
5
317.5
20
126.0
MAX40-85CA
6
85
99.2
5
292.0
20
137.0
MAX40-90CA
6
90
105.5
5
274.0
20
145
MAX40-100CA
6
100
117.0
5
246.9
20
162
MAX40-110CA
6
110
128.5
5
226.0
20
177
MAX40-120CA
6
120
140.0
5
207.3
20
193
MAX40-130CA
6
130
151.5
5
191.4
20
209
MAX40-150CA
8
150
176.0
5
164.6
20
243
To Order use Part Number Plus - Cell
Example: MAX 40-XXX-CA-Cell
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA. U.S.A. Tel: 760-564-8656 • Fax 760-564-2414
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
MAX- 40™ Cell Series
5/21/2009



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com