Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N8021 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # 1N8021
Description  HYPER FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

1N8021 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  1N8021 Datasheet HTML 1Page - Solid States Devices, Inc 1N8021 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0160C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
1N802 __ __ __
│
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
└
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
Device Type ( VRWM )
1 = 100 V
2 = 150 V
3 = 200 V
1N8021 thru 1N8023
SERIES
1 AMP
100 – 200 VOLTS
5 nsec
HYPER FAST
RECOVERY RECTIFIER
FEATURES:
 Hyper fast reverse recovery time: 5 ns Max
 Low forward voltage drop
 Low reverse leakage current
 Avalanche breakdown
 Void free ceramic frit glass construction
 High temperature category I eutectic metallurgical bond
 Hermetically sealed
 Solid silver leads
 Excellent liquid-to-liquid cryogenic thermal shock
performance
 Available in axial & square tab versions
 For high efficiency applications
 TX, TXV, and S-Level screening available2/
 Available as a QPL product per MIL-PRF-19500/770
 Replacement for 1N6638, 1N6642 and 1N5806
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage
DC Blocking Voltage
1N8021
1N8022
1N8023
VRWM
VR
100
150
200
Volts
Average Rectified Forward Current
(Resistive load, 60 Hz, sine wave, TC = 25°C)
IO
1
Amp
Peak Surge Current
(8.3 msec pulse, half sine wave superimposed on Io, allow junction to
reach equilibrium between pulses, TC = 25°C)
IFSM
20
Amps
Operating & Storage Temperature
TOP and TSTG
-65 to +175
°C
Thermal Resistance
SMS- Junction to End Tab
Axial- Junction to Lead @ .375”
RθJE
RθJL
20
80
°C/W
NOTES:
1/ For ordering information, price, and availability - contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on
request.
3/ Unless otherwise specified, all electrical characteristics @25°C.
Axial Leaded
SMS


Similar Part No. - 1N8021

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
1N8020 SSDI-1N8020 Datasheet
187Kb / 2P
HYPER FAST SOFT RECOVERY RECTIFIER
1N8020SMSS SSDI-1N8020SMSS Datasheet
187Kb / 2P
HYPER FAST SOFT RECOVERY RECTIFIER
1N8020SMSTX SSDI-1N8020SMSTX Datasheet
187Kb / 2P
HYPER FAST SOFT RECOVERY RECTIFIER
1N8020SMSTXV SSDI-1N8020SMSTXV Datasheet
187Kb / 2P
HYPER FAST SOFT RECOVERY RECTIFIER
logo
GeneSiC Semiconductor, ...
1N8024-GA GENESIC-1N8024-GA Datasheet
782Kb / 5P
Power Schottky Diode
More results

Similar Description - 1N8021

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR1AHF SSDI-SDR1AHF_2 Datasheet
108Kb / 2P
Hyper Fast Recovery Rectifier
SDR2HF1.8 SSDI-SDR2HF1.8_1 Datasheet
149Kb / 2P
HYPER FAST RECOVERY RECTIFIER
SDR6638 SSDI-SDR6638 Datasheet
118Kb / 2P
HYPER FAST RECOVERY RECTIFIER
SPD6626 SSDI-SPD6626_1 Datasheet
141Kb / 2P
HYPER FAST RECOVERY RECTIFIER
RC0126C SSDI-RC0126C Datasheet
128Kb / 2P
HYPER FAST RECOVERY RECTIFIER
RC0160C SSDI-RC0160C Datasheet
187Kb / 2P
HYPER FAST RECOVERY RECTIFIER
RH0119J SSDI-RH0119J Datasheet
77Kb / 2P
Hyper Fast Recovery Rectifier
RC0096F SSDI-RC0096F_15 Datasheet
112Kb / 2P
HYPER FAST RECOVERY RECTIFIER
RC0160C SSDI-RC0160C_15 Datasheet
187Kb / 2P
HYPER FAST RECOVERY RECTIFIER
RH0119J SSDI-RH0119J_15 Datasheet
77Kb / 2P
Hyper Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com