Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2R3STXV Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # 2R3STXV
Description  8 AMPS 20 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

2R3STXV Datasheet(HTML) 1 Page - Solid States Devices, Inc

  2R3STXV Datasheet HTML 1Page - Solid States Devices, Inc 2R3STXV Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
__ R3S __
└ Screening3/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
│
│
│
│
│
└ Family/Voltage
2 = 20V
3 = 30V
4 = 40V
5 = 50V
7 = 70V
10 = 100V
12 = 125V
15 = 150V
20 = 200V
2R3S THRU 20R3S
8 AMPS
20 – 200 VOLTS
35 nsec
HYPER FAST RECTIFIER
Features:
•
Hyper Fast Recovery: 35nsec Maximum
•
Low Forward Voltage Drop
•
Low Reverse Leakage Current
•
Single Chip Construction
•
Hermetically Sealed Package
•
Metalurgically Bonded Construction
•
TX, TXV, and S-Level Screening Available 2/
Maximum Ratings 2/
Symbol
Value
Units
Peak Repetitive Reverse Voltage
2R3S
3R3S
4R3S
5R3S
7R3S
10R3S
12R3S
15R3S
20R3S
VRRM
VRWM
VR
20
30
40
50
70
100
125
150
200
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25 °C)
Io
8
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C)
IFSM
200
Amps
Operating & Storage Temperature
TOP &
TSTG
-65 to +175
ºC
Maximum Total Thermal Resistance
Junction to Case
RθJC
1.5
ºC/W
Notes:
1/ For ordering information, Price, Operating Curves, and Availability- Contact Factory.
2/ Unless Otherwise Specified, All Maximum Ratings/Electrical Characteristics @25°C.
3/ Screened to MIL-PRF-19500.
DO-4:
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0029D
DOC


Similar Part No. - 2R3STXV

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
2R300 HUAXINAN-2R300 Datasheet
138Kb / 1P
2-Electrode Gas Discharge Tubes
2R300 HUAXINAN-2R300 Datasheet
212Kb / 3P
2-Electrode Gas Discharge Tubes
logo
Ruilongyuan Electronics...
2R300-4S RUILON-2R300-4S Datasheet
667Kb / 6P
Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R300-4S SUNMATE-2R300-4S Datasheet
674Kb / 3P
GAS DISCHARGE TUBES
logo
Shanghai Leiditech Elec...
2R300-4S LEIDITECH-2R300-4S Datasheet
1Mb / 3P
Excellent SMD handing
More results

Similar Description - 2R3STXV

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR620CTM SSDI-SDR620CTM Datasheet
36Kb / 2P
40 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST COMMOM CATHODE CENTERTAP RECTIFIER
SDR526 SSDI-SDR526 Datasheet
29Kb / 2P
3 AMPS 600 - 900 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR620CT SSDI-SDR620CT Datasheet
40Kb / 2P
40 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST COMMOM CATHODE CENTERTAP RECTIFIER
SDR620CT SSDI-SDR620CT Datasheet
168Kb / 2P
40 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST COMMOM CATHODE CENTERTAP RECTIFIER
SDR620CTJ SSDI-SDR620CTJ Datasheet
37Kb / 2P
40 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER
SDR640CT SSDI-SDR640CT Datasheet
320Kb / 2P
80 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER
SDR680 SSDI-SDR680 Datasheet
213Kb / 2P
80 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR953-3 SSDI-SDR953-3 Datasheet
48Kb / 2P
50 AMPS 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER
1N6686 SSDI-1N6686 Datasheet
197Kb / 2P
20 AMPS 100 - 200 VOLTS 40 nsec HYPER FAST RECTIFIER
SDR950E SSDI-SDR950E Datasheet
199Kb / 2P
60 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com