Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

262UR103C Datasheet(PDF) 1 Page - CTS Corporation

Part # 262UR103C
Description  Commercial Miniature 10mm Conductive Plastic Trimmer Potentiometers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

262UR103C Datasheet(HTML) 1 Page - CTS Corporation

  262UR103C Datasheet HTML 1Page - CTS Corporation 262UR103C Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Resistance Range
500 ohms through 2 Megohms, linear
Resistance Tolerance
±10%, ±20% , ±30%
Power Rating, Watts
0.15 watts @ 40°C
Maximum Operating Voltage
350 VDC
Resistance Tapers
Linear
Adjustment Knob
Color coded nylon knob with hex hole for top
adjustment plus slot for either top or bottom
screwdriver adjustment.
Standard Color Chart :
Rotational Angle
265 °
Rotational Torque
.3 to 5 in-oz (21.6 to 360 gf-cm)
Stop Strength
16 inch ounces (1.2 kgf-cm)
Commercial
10mm Diameter
Carbon Composition
Trimmer Potentiometer rs
• Compact size (9mm dia. X 4mm thickness)
• Adjustment knob slotted for front or
rear screwdriver adjustment
• P.C. mounting with knob parallel or
perpendicular to printed circuit board
•
•
Wide resistance range
Electrical and Mechanical Specifications
VALUE COLOR
VALUE
COLOR
VALUE
COLOR
500Ω
Green
10KΩ
White
250KΩ
Violet
1KΩ
Yellow
25KΩ
Black
500KΩ
Brown
2.5KΩ
Red
50KΩ
Orange
1MΩ
Light Blue
5KΩ
Blue
100KΩ
Gray
2MΩ
Pink
Features
RoHS Compliant
1 - 2
© 2015 CTS Corporation. All rights reserved. Information subject to change.
09/14/15
CTS Electrocomponents
www.ctscorp.com
Series 262 Data Sheet
Trimmer Potentiometer
®
Electrocomponents
Operating Temperature
-35°C ~ 85°C


Similar Part No. - 262UR103C

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
262UR103C CTS-262UR103C Datasheet
262Kb / 2P
Commercial Miniature 10mm Conductive Plastic Trimmer Potentiometers
More results

Similar Description - 262UR103C

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
262 CTS-262 Datasheet
262Kb / 2P
Commercial Miniature 10mm Conductive Plastic Trimmer Potentiometers
logo
KOA Speer Electronics, ...
KVSF637A KOA-KVSF637A Datasheet
93Kb / 2P
trimmer potentiometers
logo
Murata Manufacturing Co...
PVG3A203C01R00 MURATA-PVG3A203C01R00 Datasheet
1Mb / 55P
Trimmer Potentiometers
PVZ3A103A01R00 MURATA-PVZ3A103A01R00 Datasheet
1Mb / 55P
Trimmer Potentiometers
PV36P503C01B00 MURATA-PV36P503C01B00 Datasheet
1Mb / 55P
Trimmer Potentiometers
PVG5A102C03R00 MURATA-PVG5A102C03R00 Datasheet
1Mb / 55P
Trimmer Potentiometers
logo
Murata Manufacturing Co...
PVZ3K103E01R00 MURATA1-PVZ3K103E01R00_V01 Datasheet
249Kb / 3P
Trimmer Potentiometers
09/16/2022
PVZ3K473E01R00 MURATA1-PVZ3K473E01R00_V01 Datasheet
249Kb / 3P
Trimmer Potentiometers
09/16/2022
PVZ3H471C01B00 MURATA1-PVZ3H471C01B00_V01 Datasheet
242Kb / 3P
Trimmer Potentiometers
09/13/2022
PVZ3H474C01R00 MURATA1-PVZ3H474C01R00_V01 Datasheet
242Kb / 3P
Trimmer Potentiometers
09/13/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com