Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V751BA60 Datasheet(PDF) 1 Page - MDE Semiconductor, Inc.

Part # V751BA60
Description  Series Block Varistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

V751BA60 Datasheet(HTML) 1 Page - MDE Semiconductor, Inc.

  V751BA60 Datasheet HTML 1Page - MDE Semiconductor, Inc. V751BA60 Datasheet HTML 2Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
60 Series
Varistor Voltage
Max.
Energy
(J)
Typical
Capacitance
(Reference)
V@1mA
(v)
ACrms
(v)
DC
(v)
Vc
(v)
Ip
(A)
10/1000
µS
1 time
(A)
2Times
(A)
1kHz
(pF)
V131BA60
200 (184-228)
130
175
340
500
450
70000
50000
20000
V151BA60
240 (212-268)
150
200
400
500
530
70000
50000
16000
V251BA60
390 (351-429)
250
330
620
500
880
70000
50000
10000
V271BA60
430 (389-473)
275
369
680
500
950
70000
50000
9000
V321BA60
510 (462-561)
320
420
760
500
1100
70000
50000
7500
V421BA60
680 (610-748)
420
560
1060
500
1500
70000
50000
6000
V481BA60
750 (670-825)
480
640
1160
500
1600
70000
50000
5500
V511BA60
820 (735-910)
510
675
1300
500
1800
70000
50000
5000
V571BA60
910 (805-1000)
575
730
1420
500
2100
70000
50000
4500
V661BA60
1050 (940-1160)
660
850
1640
500
2300
70000
50000
4000
V751BA60
1200 (1080-1320)
750
970
1880
500
2600
70000
50000
3500
V881BA60
1500 (1290-1650)
880
1150
2340
500
3200
70000
50000
2700
V112BB60
1800(1620-2060)
1100
1400
2940
500
3800
70000
50000
2200
V142BB60
2200 (2020-2550)
1400
1750
3600
500
5000
70000
50000
1800
V172BB60
2700 (2500-3030)
1700
2150
4300
500
6000
70000
50000
1500
V220BB60
3300 (2970-3630)
2000
2500
5200
500
7500
70000
50000
1200
V242BB60
3900 (3510-4290)
2400
3000
6200
500
8600
70000
50000
1000
V282BB60
4700 (4230-5170)
2800
3500
7400
500
10000
70000
50000
800
BA SERIES
BB SERIES
Maximum
Allowable
Voltage
Max Clamping
Voltage
(8/20 µ S)
PART
NUMBER
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92260 Tel: 760-564-8656 • Fax: 760-564-2414
MDE Semiconductor, Inc.
Max. Peak
Current
(8/20 µ S)
BA/BB 60 Series Block Varistor


Similar Part No. - V751BA60

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V751BA60 LITTELFUSE-V751BA60 Datasheet
212Kb / 5P
Varistor Products - High Energy Industrial
logo
MDE Semiconductor, Inc.
V751BA60 MDE-V751BA60 Datasheet
723Kb / 2P
BA/BB 60 Series Block Varistor
More results

Similar Description - V751BA60

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V130LA1P LITTELFUSE-V130LA1P_12 Datasheet
1Mb / 13P
LA Varistor Series
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
MLA Varistor Series
V33MLA1206H LITTELFUSE-V33MLA1206H Datasheet
875Kb / 8P
MLA Varistor Series
V275LS20AP LITTELFUSE-V275LS20AP Datasheet
1Mb / 13P
LA Varistor Series
V47ZS1P LITTELFUSE-V47ZS1P Datasheet
1Mb / 14P
ZA Varistor Series
V82ZT2 LITTELFUSE-V82ZT2 Datasheet
1Mb / 14P
ZA Varistor Series
V320LT7P LITTELFUSE-V320LT7P Datasheet
1Mb / 13P
LA Varistor Series
logo
MDE Semiconductor, Inc.
V131BA60 MDE-V131BA60_13 Datasheet
723Kb / 2P
BA/BB 60 Series Block Varistor
logo
WAGO Kontakttechnik Gmb...
870-523-281-582 WAGO-870-523-281-582 Datasheet
127Kb / 4P
Component terminal block; double-deck; with varistor
23.11.2021
870-523-281-588 WAGO-870-523-281-588 Datasheet
127Kb / 4P
Component terminal block; double-deck; with varistor
23.11.2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com