Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR20JFSMSTX Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR20JFSMSTX
Description  20 AMP FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR20JFSMSTX Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR20JFSMSTX Datasheet HTML 1Page - Solid States Devices, Inc SDR20JFSMSTX Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0193A
DOC
ELECTRICAL CHARACTERISTICS 3/
CHARACTERISTICS
SYMBOL
VALUE
UNIT
Typical
Maximum
Instantaneous Forward Voltage Drop
(pulsed) TA = 25°C
IF = 3.0 Adc
IF = 9.0 Adc
IF = 20 Adc
VF1
VF2
VF3
0.92
1.07
1.22
1.00
1.15
1.30
Vdc
Instantaneous Forward Voltage Drop
(pulsed) TA = -55°C
IF = 9.0 Adc
VF4
1.18
1.30
Vdc
Reverse Leakage Current
Rated VR, 300μs pulse minimum
TA = +25°C
TA =+100°C
TA =+150°C
IR1
IR2
IR3
0.30
15
100
2.0
40
150
uA
Junction Capacitance
VR = 10 Vdc, f = 1MHz, TA = 25°C
CJ
50
70
pF
Reverse Recovery Time
IF = 500mA, IR = 1A, IRR = 250mA, TA = 25°C
tRR
250
350
ns
Package Outlines:
DIMENSIONS (inches)
DIMENSIONS (inches) *
DIM.
Minimum
Maximum
DIM.
Minimum
Maximum
A
---
.168
A
.172
.180
B
.135
.155
B
.180
.220
C
.047
.052
C
.020
.028
D
1.00
---
D
.002
---
AXIAL
* Dimensions prior to solder finish
SMS
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR20JF thru SDR20MF
and
SDR20JFSMS thru SDR20MFSMS
Series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com