Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0640SC Datasheet(PDF) 2 Page - MDE Semiconductor, Inc.

Part # P0640SC
Description  SURFACE MOUNT SMB AND AXIAL LEAD DO-15
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

P0640SC Datasheet(HTML) 2 Page - MDE Semiconductor, Inc.

  P0640SC Datasheet HTML 1Page - MDE Semiconductor, Inc. P0640SC Datasheet HTML 2Page - MDE Semiconductor, Inc. P0640SC Datasheet HTML 3Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
11/13/2013
P0640SB
P0640SBL
GP
58
77
150
800
80
1
100
P0720SB
P0720SBL
GQ
65
88
150
800
80
1
100
P0800SB
P0800SBL
GR
75
98
150
800
80
1
100
P1100SB
P1100SBL
GS
90
130
150
800
80
1
100
P1300SB
P1300SBL
GT
120
160
150
800
80
1
70
P1500SB
P1500SBL
GU
140
180
150
800
80
1
70
P1800SB
P1800SBL
GV
160
220
150
800
80
1
70
P2300SB
P2300SBL
GW
190
260
150
800
80
1
50
P2600SB
P2600SBL
GX
220
300
150
800
80
1
50
P3100SB
P3100SBL
GY
275
350
150
800
80
1
40
P3500SB
P3500SBL
GZ
300
400
150
800
80
1
40
P4000SB
P4000SBL
GN
360
400
150
800
80
1
40
P0640SC
P0640SCL
HC
58
77
150
800
100
1
100
P0720SC
P0720SCL
HD
65
88
150
800
100
1
100
P0800SC
P0800SCL
HE
75
98
150
800
100
1
100
P1100SC
P1100SCL
HF
90
130
150
800
100
1
100
P1300SC
P1300SCL
HG
120
160
150
800
100
1
70
P1500SC
P1500SCL
HH
140
180
150
800
100
1
70
P1800SC
P1800SCL
HI
160
220
150
800
100
1
70
P2300SC
P2300SCL
HJ
190
260
150
800
100
1
50
P2600SC
P2600SCL
HK
220
300
150
800
100
1
50
P3100SC
P3100SCL
HL
275
350
150
800
100
1
40
P3500SC
P3500SCL
HM
300
400
150
800
100
1
40
P4000SC
P4000SCL
HS
360
450
150
800
100
1
40
Maximum Off-State Current @VDRM : 5μA
Maximum On-State Voltage @IT : 5volts
For AXIAL devices,use suffix L (e.g. P3100AL) electrical charactics apply in both AXIAL and Surface Mounted Devices.
MDE Semiconductor, Inc.
ON-STAGE
CURRENT
IT
A
SURGE
RATINGS
IPP
10x1000
μS
Amps
BIDIRECTIONAL THYRISTOR SURGE SUPPRESSOR SERIES
SURFACE MOUNT SMB AND AXIAL LEAD DO-15
TYPICAL
CAPACITANCE
@50V,1MHz
pF
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 • Fax: 760-564-2414
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
SWITCHING
VOLTAGE
@100V/us
Vs
VOLTS
MINIMUM
HOLDING
CURRENT
dl/dt=1A/ms
IH
mA
SWITCHING
CURRENT
Is
mA
MDE
PART
NUMBER
MARKING
CODE FOR
AXIAL
DO-15
PACKAGE
MARKING
CODE FOR
SMB
PACKAGE
REPETITIVE
PEAK OFF-
STAGE
VOLTAGE
VDRM
VOLTS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com