Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM30HFS Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SAM30HFS
Description  HIGH VOLTAGE HYPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SAM30HFS Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SAM30HFS Datasheet HTML 1Page - Solid States Devices, Inc SAM30HFS Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0171A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 1/
SAM __ HF __ __
Screening
2/
= None
TX = TX Level
TXV = TXV Level
S = S Level
Package
____ = Axial Leaded
SMS = Surface Mount Square Tab
Recovery Time
HF = Hyper Fast
Voltage
20 = 2000
25 = 2500
30 = 3000
SAM20HF – SAM30HF
and
SAM20HFSMS – SAM30HFSMS
1 Amp
2000 ─ 3000 VOLTS
30 nsec
HIGH VOLTAGE
HYPER FAST RECTIFIER
FEATURES:
Hyper Fast Recovery: 30 nsec Maximum
PIV to 3000 Volts
Hermetically Sealed
Void-Free Construction
Metallurgically Bonded
175°C Maximum Operating Temperature
TX, TXV, and Space Level Screening Available 2/
ELECTRICAL CHARACTERISTICS (at 25°C unless otherwise specified)
Part
Number
Peak
Inverse
Voltage
Average
Rectifier
Current
Maximum
Reverse
Current
Maximum
Forward
Voltage
Maximum
Surge
Current
(1 Cycle)
Maximum
Reverse
Recovery
Time
Maximum
Junction
Capacitance
Typical
Thermal
Resistance
Symbol
PIV
IO
IR
VF
IFSM
tRR
CJ
RθJL / RθJE
Units
V
A
mA
μA
V
A
ns
pF
°C/W
Conditions
25°C
100°C
@ PIV
25°C
@ PIV
100°C
@ 1 A
tP= 8.3 ms
sine
IF= .5 A
IR= 1 A
IRR= .25 A
VR= 100 V
fT= 1 MHz
RθJL: L=3/8”
RθJE: L=0”
SAM20HF
2000
1
750
1.0
150
8.5
25
30
15
12
SAM25HF
2500
1
750
1.0
150
8.5
25
30
15
12
SAM30HF
3000
1
750
1.0
150
8.5
25
30
15
12
SAM20HFSMS
2000
1
800
1.0
150
8.5
25
30
15
6
SAM25HFSMS
2500
1
800
1.0
150
8.5
25
30
15
6
SAM30HFSMS
3000
1
800
1.0
150
8.5
25
30
15
6
1/ For Ordering Information, Price, Operating Curves, and Availability – Contact Factory.
2/ Screening based on MIL-PRF-19500. Screening flow available on request.
3/ Operating and testing over 10,000 V/inch may require encapsulation or immersion in a suitable
dielectric material.
4/ Max. forward voltage measured with instantaneous forward pulse of 300µsec minimum.
5/ Max. end tab temp. for soldering is 250°C for 5 sec maximum.
6/ Operating and storage temperature: -65°C to +175°C.
Axial
SMS


Similar Part No. - SAM30HFS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SAM30 SSDI-SAM30 Datasheet
122Kb / 2P
HIGH VOLTAGE RECTIFIER
SAM30F SSDI-SAM30F Datasheet
132Kb / 2P
HIGH VOLTAGE RECTIFIER
SAM30FSMS SSDI-SAM30FSMS Datasheet
132Kb / 2P
HIGH VOLTAGE RECTIFIER
SAM30SMS SSDI-SAM30SMS Datasheet
122Kb / 2P
HIGH VOLTAGE RECTIFIER
SAM30UF SSDI-SAM30UF Datasheet
84Kb / 2P
HIGH VOLTAGE RECTIFIER
More results

Similar Description - SAM30HFS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDAD101M2.5HF SSDI-SDAD101M2.5HF Datasheet
72Kb / 1P
Hyper Fast Recovery STACKABLE HIGH VOLTAGE RECTIFIER
SDH20HF SSDI-SDH20HF_1 Datasheet
89Kb / 2P
HYPER FAST RECOVERY HIGH VOLTAGE RECTIFIER
SHF1100SM SSDI-SHF1100SM_1 Datasheet
74Kb / 2P
HYPER FAST RECTIFIER
SHF1402 SSDI-SHF1402_1 Datasheet
45Kb / 2P
HYPER FAST RECTIFIER
SPD502 SSDI-SPD502_1 Datasheet
45Kb / 2P
HYPER FAST RECTIFIER
RC0168A SSDI-RC0168A Datasheet
100Kb / 2P
HYPER FAST RECOVERY HIGH VOLTAGE RECTIFIER
RC0171A SSDI-RC0171A Datasheet
92Kb / 2P
HIGH VOLTAGE HYPER FAST RECTIFIER
RC0060D SSDI-RC0060D_15 Datasheet
89Kb / 2P
HYPER FAST RECOVERY HIGH VOLTAGE RECTIFIER
RC0168A SSDI-RC0168A_15 Datasheet
100Kb / 2P
HYPER FAST RECOVERY HIGH VOLTAGE RECTIFIER
RC0171A SSDI-RC0171A_15 Datasheet
92Kb / 2P
HIGH VOLTAGE HYPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com