Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR12U080GS Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR12U080GS
Description  12 AMP ULTRA FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR12U080GS Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR12U080GS Datasheet HTML 1Page - Solid States Devices, Inc SDR12U080GS Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0164A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information
1/
SDR12U
__ __ __
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
└
└ Screening
2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Package
G= Cerpack
S.5 = SMD.5
Family/Voltage
080 = 800V
090 = 900V
100 = 1000V
110 = 1100V
120 = 1200V
SDR12U080
thru
SDR12U120
12 AMP
ULTRA FAST RECTIFIER
800 - 1200 VOLTS
50 nsec
FEATURES:
Hyper Fast Recovery: typically 30 nS
High Surge Rating
Low Reverse Leakage Current
Low Junction Capacitance
Hermetically Sealed Power Package
Gold Eutectic Die Attach Available
Ultrasonic Aluminum Wire Bonds
TX, TXV, or Space Level Screening Available
Maximum Ratings4/
Symbol
Value
Units
Peak Repetitive Reverse and
DC Blocking Voltage 3/
SDR12U080
SDR12U090
SDR12U100
SDR12U110
SDR12U120
VRRM
VRWM
VR
800
900
1000
1100
1200
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TC= 100ºC)
IO
12
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA= 25ºC)
IFSM
120
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +200
ºC
Maximum Total Thermal Resistance
Junction to Case
Cerpack
SMD.5
RθJC
2.2 (typ 1.7)
1.5 (typ 1.0)
ºC/W
NOTES:
1/ For ordering information, price, and availability, contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Higher voltages available.
4/ Both anodes tied together.
Cerpack (G)
Bottom pad = cathode
Pins 2, 3 = anode
SMD.5 (S.5)
Pin 1 = cathode
Pins 2, 3 = anode


Similar Part No. - SDR12U080GS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR12 SSDI-SDR12 Datasheet
33Kb / 2P
12 AMPS 200 - 1000 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
logo
Rectron Semiconductor
SDR12 RECTRON-SDR12 Datasheet
389Kb / 6P
GPP SNUBBER DAMPING RECTIFIER
logo
Solid States Devices, I...
SDR1210 SSDI-SDR1210 Datasheet
218Kb / 2P
12 AMP 1000 - 1200 VOLTS 75 nsec ULTRA FAST RECTIFIER
SDR1210CTJ SSDI-SDR1210CTJ Datasheet
60Kb / 2P
12AMPS 1000 - 1200 VOLTS 70 nsec ULTRA FAST CENTERTAP RECTIFIER
SDR1210HBUFDBS SSDI-SDR1210HBUFDBS Datasheet
218Kb / 2P
12 AMP 1000 - 1200 VOLTS 75 nsec ULTRA FAST RECTIFIER
More results

Similar Description - SDR12U080GS

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CBR1U-D010S CENTRAL-CBR1U-D010S Datasheet
129Kb / 2P
1.0 AMP ULTRA FAST BRIDGE RECTIFIER
logo
Fuji Electric
UF1001 FUJI-UF1001 Datasheet
759Kb / 1P
1 AMP ULTRA FAST SWITCHING RECTIFIER
UF3001 FUJI-UF3001 Datasheet
701Kb / 1P
3 AMP ULTRA FAST SWITCHING RECTIFIER
logo
Microsemi Corporation
UF3010 MICROSEMI-UF3010 Datasheet
131Kb / 2P
30 AMP ULTRA FAST RECOVERY RECTIFIER
UF3030 MICROSEMI-UF3030 Datasheet
131Kb / 2P
30 AMP ULTRA FAST RECOVERY RECTIFIER
UF3060 MICROSEMI-UF3060 Datasheet
131Kb / 2P
30 AMP ULTRA FAST RECOVERY RECTIFIER
UF5010 MICROSEMI-UF5010 Datasheet
130Kb / 2P
60 AMP ULTRA FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
SDR1210UF SSDI-SDR1210UF Datasheet
218Kb / 2P
12 AMP 1000 - 1200 VOLTS 75 nsec ULTRA FAST RECTIFIER
SDR932-61 SSDI-SDR932-61 Datasheet
192Kb / 2P
30 amp ultra fast recovery rectifier
SDA356 SSDI-SDA356 Datasheet
199Kb / 2P
FAST & ULTRA FAST 1 AMP RECTIFIER ASSEMBLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com