Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4906MM Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4906MM
Description  1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4906MM Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4906MM Datasheet HTML 6Page - National Semiconductor (TI) LM4906MM Datasheet HTML 7Page - National Semiconductor (TI) LM4906MM Datasheet HTML 8Page - National Semiconductor (TI) LM4906MM Datasheet HTML 9Page - National Semiconductor (TI) LM4906MM Datasheet HTML 10Page - National Semiconductor (TI) LM4906MM Datasheet HTML 11Page - National Semiconductor (TI) LM4906MM Datasheet HTML 12Page - National Semiconductor (TI) LM4906MM Datasheet HTML 13Page - National Semiconductor (TI) LM4906MM Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Application Information (Continued)
C
i. A larger input coupling capacitor requires more charge to
reach its quiescent DC voltage (nominally 1/2 V
DD). This
charge comes from the output via the feedback and is apt to
create pops upon device enable. Thus, by minimizing the
capacitor size based on necessary low frequency response,
turn-on pops can be minimized.
AUDIO POWER AMPLIFIER DESIGN
A 1W/8
Ω Audio Amplifier
Given:
Power Output
1 Wrms
Load Impedance
8
Ω
Input Level
1 Vrms
Input Impedance
20 k
Ω
Bandwidth
100 Hz–20 kHz ± 0.25 dB
A designer must first determine the minimum supply rail to
obtain the specified output power. By extrapolating from the
Output Power vs Supply Voltage graphs in the Typical Per-
formance Characteristics section, the supply rail can be
easily found.
Extra supply voltage creates headroom that allows the
LM4906 to reproduce peaks in excess of 1W without pro-
ducing audible distortion. At this time, the designer must
make sure that the power supply choice along with the
output impedance does not violate the conditions explained
in the Power Dissipation section.
The gain of the LM4906 is internally set at either 6dB or
12dB.
The final design step is to address the bandwidth require-
ments which must be stated as a pair of −3dB frequency
points. Five times away from a −3dB point is 0.17dB down
from passband response which is better than the required
±0.25dB specified.
f
L = 100Hz/5= 20Hz
f
H = 20kHz*5= 100kHz
As stated in the External Components section, R
in (20k) in
conjunction with C
2 create a highpass filter.
C
2
≥ 1/(2π*20kΩ*20Hz) = 0.397µF; use 0.39µF
200571C0
FIGURE 2. REFERENCE DESIGN BOARD SCHEMATIC
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com