Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G5SBA20 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # G5SBA20
Description  Glass Passivated Single-Phase Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

G5SBA20 Datasheet(HTML) 3 Page - Vishay Siliconix

  G5SBA20_13 Datasheet HTML 1Page - Vishay Siliconix G5SBA20_13 Datasheet HTML 2Page - Vishay Siliconix G5SBA20_13 Datasheet HTML 3Page - Vishay Siliconix G5SBA20_13 Datasheet HTML 4Page - Vishay Siliconix G5SBA20_13 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
G5SBA20, G5SBA60, G5SBA80
www.vishay.com
Vishay General Semiconductor
Revision: 27-Sep-13
3
Document Number: 88608
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Typical Junction Capacitance Per Diode
Fig. 6 - Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0.1
1
10
100
10
100
1000
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
0.01
0.1
1
10
100
0.1
1
10
100
t - Heating Time (s)
Case Type GBU
Polarity shown on front side of case, positive lead by beveled corner
0.125 (3.2) x 45°
Chamfer
0.085 (2.16)
0.065 (1.65)
0.020 R (TYP.)
0.880 (22.3)
0.860 (21.8)
0.160 (4.1)
0.140 (3.5)
0.075
(1.9) R
.
0.080 (2.03)
0.060 (1.52)
0.050 (1.27)
0.040 (1.02)
0.080 (2.03)
0.065 (1.65)
0.210 (5.33)
0.190 (4.83)
0.140 (3.56)
0.130 (3.30)
9° TYP.
5° TYP.
0.085 (2.16)
0.075 (1.90)
0.026 (0.66)
0.020 (0.51)
0.310 (7.9)
0.290 (7.4)
0.740 (18.8)
0.720 (18.3)
0.710 (18.0)
0.690 (17.5)
0.100 (2.54)
0.085 (2.16)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com