Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHF2340SMSS Datasheet(PDF) 3 Page - Solid States Devices, Inc

Part # SHF2340SMSS
Description  3 AMP HYPERFAST RECOVERY RECTIFIER 400 - 600 VOLTS, 18 ns
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SHF2340SMSS Datasheet(HTML) 3 Page - Solid States Devices, Inc

  SHF2340SMSS Datasheet HTML 1Page - Solid States Devices, Inc SHF2340SMSS Datasheet HTML 2Page - Solid States Devices, Inc SHF2340SMSS Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0190A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SHF2340 thru
SHF2360
Fig. 3 Typical tRR response at 25°C (0.5A/1A/0.25A)
Fig. 4 Typical tRR response at 95°C (0.5A/1A/0.25A)
Fig. 5 Actual In-circuit Performance in a 48V/7.5A Switch-Mode Power Supply (ILOAD=1A). SHF2360 is utilized in
the active PFC input stage. Wave forms represent the diode current.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com