Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHF2340GWS Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SHF2340GWS
Description  3 AMP HYPERFAST RECOVERY RECTIFIER 400 - 600 VOLTS, 18 ns
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SHF2340GWS Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SHF2340GWS Datasheet HTML 1Page - Solid States Devices, Inc SHF2340GWS Datasheet HTML 2Page - Solid States Devices, Inc SHF2340GWS Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0190A
DOC
ELECTRICAL CHARACTERISTICS3/
SYMBOL
TYP
MAX
UNIT
Instantaneous Forward Voltage Drop
300 μs pulse
IF = 1 Adc
IF = 3 Adc
IF = 1 Adc, TA= +125°C
IF = 3 Adc, TA= +125°C
VF1
VF2
VF3
VF4
2.4
2.6
1.3
1.7
3.0
3.2
2.0
2.3
Vdc
Reverse Leakage Current
At rated VR, 300 μs pulse
TA= +25°C
TA= +125°C
IR1
IR2
35
17
200
70
μA
mA
Breakdown Voltage
IR= 100 µA
SHF2340
SHF2350
SHF2360
BVR
--
--
--
410
510
610
V
Junction Capacitance
VR= 10 Vdc, f= 1 MHz
CJ
20
50
pF
Reverse Recovery Time
IF= 0.5 A, IR= 1 A, IRR= 0.25 A
TA= +25°C
TA= +100°C
trr
11
20
18
--
ns
Axial Leaded (__)
Dimensions (in.)
Surface Mount Square Tab (SMS)
Dimensions (in.)
Gullwing (GW)
Dimensions (in.)
DIM
MIN
MAX
DIM
MIN
MAX
DIM
MIN
MAX
A
--
.130
A
.127
.140
A
--
.140
B
.130
.180
B
.180
.230
B
.130
.180
C
.027
.031
C
.020
.030
C
.040
.080
D
1.00
--
D
.003
--
D
.100
--
E
.002
--
F
.008
.016
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SHF2340 thru
SHF2360



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com