Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD1510BTS Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPD1510BTS
Description  15 AMP HYPERFAST RECOVERY RECTIFIER 100 - 200 VOLTS, 30 nsec
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD1510BTS Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPD1510BTS Datasheet HTML 1Page - Solid States Devices, Inc SPD1510BTS Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0173A
DOC
ELECTRICAL CHARACTERISTICS 3/
SYMBOL
TYP
MAX
UNIT
Instantaneous Forward Voltage Drop
Pulsed
IF = 6 Adc
IF = 15 Adc
IF = 20 Adc
IF = 15 Adc, TA = +125°C
IF = 15 Adc, TA = +150°C
IF = 15 Adc, TA = -55°C
VF1
VF2
VF3
VF4
VF5
VF6
--
0.90
--
--
--
--
0.86
0.95
1.00
0.90
0.86
1.20
Vdc
Reverse Leakage Current
At rated VR, 300 μs pulse
TA = +25°C
TA = +125°C
TA = +150°C
IR1
IR2
IR3
0.1
15
50
2
100
500
μA
μA
μA
Breakdown Voltage
IR = 100 µA
SPD1510HF
SPD1515HF
SPD1520HF
BVR
--
--
--
110
160
210
V
Junction Capacitance
VR = 10 Vdc, f = 1 MHz
CJ
110
150
pF
Reverse Recovery Time
IF = 0.5 A, IR = 1 A, IRR = 0.25 A
trr
--
30
nsec
Surface Mount Square Tab (SMS)
Gullwing (GW)
DIMENSIONS (inches)
DIMENSIONS (inches)
DIM
MIN
MAX
DIM
MIN
MAX
A
.157
.162
ØA
.135
.155
B
.130
.175
B
.090
.115
C
.020
.030
C
.060
.100
D
.002
--
D
.150
.200
E
.002
--
F
.020
.028
G
.090
.130
Button Tab (BT)
DIMENSIONS (in)
DIM
MIN
MAX
A
.080
.115
A1
--
.020
ØB
.135
.155
C
.175
.195
C1
.265 REF
P1
.090
.115
P2
.055
.075
P3
.090
.110
P4
.060 REF
T
.008
.012
R
.015 REF
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPD1510HF thru
SPD1520HF
Series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com