Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3466 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3466
Description  Dual Full Function White LED Step-Up Converter with Built-In Schottky Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3466 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3466 Datasheet HTML 9Page - Linear Technology LT3466 Datasheet HTML 10Page - Linear Technology LT3466 Datasheet HTML 11Page - Linear Technology LT3466 Datasheet HTML 12Page - Linear Technology LT3466 Datasheet HTML 13Page - Linear Technology LT3466 Datasheet HTML 14Page - Linear Technology LT3466 Datasheet HTML 15Page - Linear Technology LT3466 Datasheet HTML 16Page - Linear Technology LT3466 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LT3466
3466f
APPLICATIO S I FOR ATIO
Figure 9 shows four LEDs being run off two AA cells. The
battery is connected to the inductors and the chip is
powered off 3.3V logic supply voltage.
CTRL1
CTRL2
RT
SW1
SW2
VIN
LT3466
VOUT1
63.4k
1%
3466 F09
FB1
10
Ω
VOUT2
FB2
L1
15
µH
2 AA CELLS
1.8V to 3V
1
µF
L2
15
µH
0.1
µF
3.3V
1
µF
1
µF
10
Ω
Figure 9. 2 AA Cells to Four White LEDs
1
2
3
4
5
10
9
8
7
6
COUT1
RFB1
RT
CTRL1
CTRL2
3466 F10
RFB2
COUT2
CIN
VIN
GND
GND
L1
L2
11
Figure 10. Recommended Component Placement
HIGH INPUT VOLTAGE APPLICATIONS
The input voltage to LT3466 can be as high as 24V. This
gives it the flexibility of driving a large number of LEDs
when being run off a higher voltage. The maximum num-
ber of LEDs that can be driven is constrained by the
converter output voltages being clamped at 42V.
The LT3466 can be used to power 20 White LEDs (10 per
converter) at 20mA when running off two Li-Ion cells in
series.
BOARD LAYOUT CONSIDERATION
As with all switching regulators, careful attention must be
paid to the PCB board layout and component placement.
To prevent electromagnetic interference (EMI) problems,
proper layout of high frequency switching paths is essen-
tial. Minimize the length and area of all traces connected to
the switching node pins (SW1 and SW2). Keep the feed-
back pins (FB1 and FB2) away from the switching nodes.
The DFN package has an exposed paddle that must be
connected to the system ground. The ground connection
for the feedback resistors should be tied directly to the
ground plane and not shared with any other component,
except the RT resistor, ensuring a clean, noise-free con-
nection. Recommended component placement is shown
in the Figure 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com