Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTFS200-P Datasheet(PDF) 3 Page - LEM

Part # HTFS200-P
Description  Current Transducer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HTFS200-P Datasheet(HTML) 3 Page - LEM

  HTFS200-P Datasheet HTML 1Page - LEM HTFS200-P Datasheet HTML 2Page - LEM HTFS200-P Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
120201/9
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
www.lem.com
Page 3/3
33
4-d3.5
1
4
Terminal Pin
+5V
0V
Output
47nF
47nF
Output
0V
+5V
1...+5V
2...0V
3...Output
7
4.5
Ip
4...Vref
4-0.25x0.5
1
2
3
4
16.5
Vref(IN/OUT)
HTFS
5
0.5
1
3.5+/-1
d22
40
Vref(IN/OUT)
4.7nF
Dimensions HTFS 200..800-P (in mm. 1 mm = 0.0394 inch)
Required Connection Circuit
Mechanical characteristics
General tolerance
± 0.2 mm
Fastening by
4 x M3
(not supplied)
Recommended fastening torque
< 2.5 Nm
Fastening & connection of secondary
4 pins 0.5 x 0.25
Recommended PCB hole
Ø 0.7 mm
Remarks
VOUT is positive when IP flows in the direction of the arrow.
Temperature of the primary conductor should not exceed
120°C.
Operation Principle
Ip
0V
Vref.(IN/OUT)
Vout
+Vc



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com