Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTFS600-P Datasheet(PDF) 1 Page - LEM

Part # HTFS600-P
Description  Current Transducer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HTFS600-P Datasheet(HTML) 1 Page - LEM

  HTFS600-P Datasheet HTML 1Page - LEM HTFS600-P Datasheet HTML 2Page - LEM HTFS600-P Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
120201/9
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
www.lem.com
Page 1/3
I
PN = 200-400-600-800 A
Features
•Hall effect measuring principle
•Galvanic isolation between primary
and secondary circuit
• Low power consumption
• Single power supply +5V
• Ratiometric offset
• TA = -40..+105 °C
•Fixation by M3 nuts and screws
•Isolated plastic case recognized
according to UL 94-V0.
Advantages
• Small size and space saving
•Only one design for wide current
ratings range
• High immunity to external
interference.
• VREF. IN/OUT.
Applications
•Forklift drives
•AC variable speed drives
•Static converters for DC motor
drives
•Battery supplied applications
•Uninterruptible Power Supplies
(UPS)
•Switched Mode Power Supplies
(SMPS)
•Power supplies for welding
applications.
Application domain
•Industrial.
Current Transducer HTFS 200..800-P
For the electronic measurement of currents : DC, AC, pulsed, mixed,
with galvanic isolation between the primary circuit (high power)
and the secondary circuit (electronic circuit).
Primary nominal
Primary current
Type
current rms
measuring range
I
PN (A)IPM (A)
200
± 300
HTFS 200-P
400
± 600
HTFS 400-P
600
± 900
HTFS 600-P
800
± 1200
HTFS 800-P
V
OUT
Output voltage (Analog) @
I
P
V
REF ± (1.25・IP/ IPN) V
I
P = 0
V
REF ± 0.025
V
V
REF
Reference voltage1) - Output voltage
1/2
V
C ± 0.025
V
V
REF Output impedance
typ. 200
Ω
V
REF Load impedance
≥ 200
kΩ
R L
Load resistance
≥ 2
kΩ
ROUT
Output internal resistance
<
10
Ω
C L
Capacitive loading
<
1
µF
VC
Supply voltage (± 5 %)
5
V
IC
Current consumption @
VC = 5 V
22
mA
X
Accuracy 2) @
I
PN, TA = 25°
C
≤ ± 1
% of
I
PN
ε
L
Linearity error (0 .. 1.5 x
I
PN)
≤ ± 0.5
% of
I
PN
TCV
OE Temperature coefficient of VOE @ IP = 0
≤ ± 0.3
mV/K
TCV
REF Temperature coefficient of VREF
≤ ± 0.01
%/K
TCV
OUT/ VREF Temperature coefficient of
V
OUT / VREF @ IP = 0
≤ ± 0.2
mV/K
TCV
OUT Temperature coefficient of VOUT
≤ ± 0.05% of reading/K
V
OM
Magnetic offset voltage @
I
P = 0,
after an overload of 3 x
I
PN DC
< ± 0.5
% of
I
PN
t
ra
Reaction time @ 10 % of I
PN
< 3
µs
t
r
Response time to 90 % of
I
PN step
< 7
µs
di/dt
di/dt accurately followed
> 100
A/µs
Vno
Output voltage noise
(DC ..10 kHz)
< 15
mVpp
(DC .. 1 MHz)
< 40
mVpp
BW
Frequency bandwidth (- 3 dB) 3)
DC .. 50
kHz
TA
Ambient operating temperature
- 40 .. + 105
°C
TS
Ambient storage temperature
- 40 .. + 105
°C
m
Mass
60
g
Standard
EN 50178: 1997
Notes : 1) It is possible to overdrive
VREF with an external reference voltage
between 2 - 2.8 V providing its ability to sink or source approx. 2.5 mA.
2) Excluding offset and Magnetic offset voltage.
3) Small signal only to avoid excessive heatings of the magnetic core.
All Data are given with a RL = 10 kΩ
Electrical data
Accuracy - Dynamic performance data
General data


Similar Part No. - HTFS600-P

ManufacturerPart #DatasheetDescription
logo
LEM
HTFS200-P LEM-HTFS200-P Datasheet
84Kb / 3P
Current Transducer
HTFS200-P LEM-HTFS200-P Datasheet
166Kb / 3P
Current Transducer
HTFS200-P LEM-HTFS200-P_05 Datasheet
166Kb / 3P
Current Transducer
HTFS200-SP2 LEM-HTFS200-SP2 Datasheet
84Kb / 3P
Current Transducer
HTFS400-P LEM-HTFS400-P Datasheet
84Kb / 3P
Current Transducer
More results

Similar Description - HTFS600-P

ManufacturerPart #DatasheetDescription
logo
LEM
HAL100-S LEM-HAL100-S Datasheet
40Kb / 2P
Current Transducer
HAS50-S LEM-HAS50-S_06 Datasheet
723Kb / 2P
Current Transducer
HAT200-S LEM-HAT200-S Datasheet
374Kb / 3P
Current Transducer
HTFS200-P LEM-HTFS200-P_05 Datasheet
166Kb / 3P
Current Transducer
HX03-SP2 LEM-HX03-SP2 Datasheet
660Kb / 2P
Current Transducer
HXS50-NP LEM-HXS50-NP Datasheet
295Kb / 3P
Current Transducer
LA125-P LEM-LA125-P_06 Datasheet
66Kb / 2P
Current Transducer
LA200-P LEM-LA200-P_06 Datasheet
274Kb / 2P
Current Transducer
LF305-S LEM-LF305-S_06 Datasheet
190Kb / 3P
Current Transducer
LF2005-S LEM-LF2005-S_06 Datasheet
84Kb / 2P
Current Transducer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com