Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTFS800-P Datasheet(PDF) 2 Page - LEM

Part # HTFS800-P
Description  Current Transducer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HTFS800-P Datasheet(HTML) 2 Page - LEM

  HTFS800-P Datasheet HTML 1Page - LEM HTFS800-P Datasheet HTML 2Page - LEM HTFS800-P Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
120201/9
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
www.lem.com
Page 2/3
Current Transducer HTFS 200..800-P
Isolation characteristics
V
b
Rated isolation voltage rms with following conditions
- Over voltage category III
- Pollution degree 2
- Non-uniform field
Vd
Rms voltage for AC isolation test, 50 Hz, 1 min
2.5
kV
Ve
Partial discharge extinction voltage rms @ 10pC
> 1
kV
Vw
Impulse withstand voltage 1.2/50 µs
4
kV
dCp
Creepage distance
> 4
mm
dCl
Clearance distance
> 4
mm
CTI
Comparative tracking index (Group IIIa)
> 220
If insulated cable is used for the primary circuit, the
voltage category could be improved with the following table :
Cable insulation (primary)
Category
HAR 03
300V CAT III
HAR 05
400V CAT III
HAR 07
500V CAT III
Safety
This transducer must be used in electric/electronic equipment with respect to
applicable standards and safety requirements in accordance with the manufacturer’s
operating instructions.
Caution! Risk of electrical shock
When operating the transducer, certain parts of the module can carry hazardous
voltage (eg. primary busbar, power supply).
Ignoring this warning can lead to injury and/or cause serious damage.
This transducer is a built-in device, whose conducting parts must be inaccessible
after installation.
A protective housing or additional shield could be used.
Main supply must be able to be disconnected.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com