Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA55-P Datasheet(PDF) 3 Page - LEM

Part # LA55-P
Description  Current Transducer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LA55-P Datasheet(HTML) 3 Page - LEM

  LA55-P_09 Datasheet HTML 1Page - LEM LA55-P_09 Datasheet HTML 2Page - LEM LA55-P_09 Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
www.lem.com
Page 3/3
090519/14
Connection
Dimensions LA 55-P (in mm. 1 mm = 0.0394 inch)
Top view
Front view
Left view
Mechanical characteristics
General tolerance
± 0.2 mm
●
Primary through-hole
12.7 x 7 mm
●
Fastening & connection of secondary 3 pins
●
0.63 x 0.56 mm
Recommended PCB hole
0.9 mm
●
Remarks
I
●
S is positive when IP flows in the direction of the arrow.
Temperature of the primary conductor should not exceed
●
90°C.
Dynamic performances (di/dt and response time) are best
●
with a single bar completely filling the primary hole.
In order to achieve the best magnetic coupling, the
●
primary windings have to be wound over the top edge of
the device.
This is a standard model. For different versions (supply
●
voltages, turns ratios, unidirectional measurements...),
please contact us.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com