Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA55-TP-SP27 Datasheet(PDF) 1 Page - LEM

Part # LA55-TP-SP27
Description  Current Transducer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LA55-TP-SP27 Datasheet(HTML) 1 Page - LEM

  LA55-TP-SP27 Datasheet HTML 1Page - LEM LA55-TP-SP27 Datasheet HTML 2Page - LEM LA55-TP-SP27 Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
090616/4
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
www.lem.com
Page 1/3
I
PN = 50 A
Features
Closed loop (compensated)
●
current transducer using the Hall
effect
Mounted on printed circuit board
●
Insulated plastic case recognized
●
according to UL 94-V0.
Special features
I
●
PM
= 0 .. ± 100 A
K
●
N
= 1 : 2000
V
●
d
= 3.6 kV
T
●
A
= - 40°C .. + 85°C
Potted.
●
Advantages
Excellent accuracy
●
Very good linearity
●
Low temperature drift
●
Optimized response time
●
Wide frequency bandwidth
●
No insertion losses
●
High immunity to external
●
interference
Current overload capability.
●
Applications
Single or three phases inverter
●
Propulsion and braking chopper
●
Propulsion converter
●
Auxiliart converter
●
Battery charger.
●
Application domain
Traction.
●
Current Transducer LA 55-TP/SP27
For the electronic measurement of currents: DC, AC, pulsed...,
with galvanic isolation between the primary circuit (high power) and
the secondary circuit (electronic circuit).
Electrical data
I
PN
Primary nominal current rms
50
A
I
PM
Primary current, measuring range
0 .. ± 100
A
R
M
Measuring resistance
R
M min
R
M max
with ± 12 V
@ ± 50 A
max
0
210
Ω
@ ± 100 A
max
0
30
Ω
with ± 15 V
@ ± 50 A
max
30
320
Ω
@ ± 100 A
max
30
90
Ω
I
SN
Secondary nominal current rms
25
mA
K
N
Conversion ratio
1 : 2000
V
C
Supply voltage (± 5 %)
± 12 .. 15
V
I
C
Current consumption
10 (@ ± 15 V)+ I
S mA
X
Accuracy @
I
PN , TA = 25°C
@ ± 15 V (± 5 %)
± 0.65
%
Accuracy - Dynamic performance data
@ ± 12 .. 15 V (± 5 %)
± 0.90
%
ε
L
Linearity error
< 0.15
%
Typ
Max
I
O
Offset current @
I
P = 0, TA = 25°C
± 0.1
mA
I
OM
Magnetic offset current 1) @
I
P = 0 and specified RM,
after an overload of 3 x
I
PN
± 0.2
mA
I
OT
Temperature variation of
I
O
- 25°C .. + 85°C
± 0.1 ± 0.3
mA
- 40°C .. - 25°C
± 0.2 ± 0.5
mA
t
ra
Reaction time to 10 % of
I
PN step
< 500
ns
t
r
Response time 2) to 90 % of
I
PN step
< 1
µs
di/dt di/dt accurately followed
> 200
A/µs
BW
Frequency bandwidth (- 1 dB)
DC .. 200
kHz
T
A
Ambient operating temperature
- 40 .. + 85
°C
General data
T
S
Ambient storage temperature
- 50 .. + 90
°C
R
S
Secondary coil resistance @
T
A = 85°C
140
Ω
m
Mass
35
g
Standards
EN 50155: 1995
Notes: 1) Result of the coercive field of the magnetic circuit
2)
With a di/dt of 100 A/µs.
16086


Similar Part No. - LA55-TP-SP27

ManufacturerPart #DatasheetDescription
logo
LEM
LA55-TP LEM-LA55-TP Datasheet
66Kb / 2P
Current Transducer LA 55-TP
LA55-TP LEM-LA55-TP Datasheet
86Kb / 3P
Current Transducer
LA55-TP LEM-LA55-TP_06 Datasheet
86Kb / 3P
Current Transducer
More results

Similar Description - LA55-TP-SP27

ManufacturerPart #DatasheetDescription
logo
LEM
HAL100-S LEM-HAL100-S Datasheet
40Kb / 2P
Current Transducer
HAS50-S LEM-HAS50-S_06 Datasheet
723Kb / 2P
Current Transducer
HAT200-S LEM-HAT200-S Datasheet
374Kb / 3P
Current Transducer
HTFS200-P LEM-HTFS200-P_05 Datasheet
166Kb / 3P
Current Transducer
HX03-SP2 LEM-HX03-SP2 Datasheet
660Kb / 2P
Current Transducer
HXS50-NP LEM-HXS50-NP Datasheet
295Kb / 3P
Current Transducer
LA125-P LEM-LA125-P_06 Datasheet
66Kb / 2P
Current Transducer
LA200-P LEM-LA200-P_06 Datasheet
274Kb / 2P
Current Transducer
LF305-S LEM-LF305-S_06 Datasheet
190Kb / 3P
Current Transducer
LF2005-S LEM-LF2005-S_06 Datasheet
84Kb / 2P
Current Transducer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com