Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAH50-P Datasheet(PDF) 1 Page - LEM

Part # LAH50-P
Description  Current Transducer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LAH50-P Datasheet(HTML) 1 Page - LEM

  LAH50-P_07 Datasheet HTML 1Page - LEM LAH50-P_07 Datasheet HTML 2Page - LEM LAH50-P_07 Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1/3
www .lem.com
071108/9
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Current Transducer LAH 50-P
For the electronic measurement of currents: DC, AC, pulsed ...,
with a galvanic isolation between the primary circuit
(high power) and the secondary circuit (electronic circuit).
Electrical data
I
PN
Primary nominal current rms
50
A
I
PM
Primary current, measuring range 1)
0 .. 110
A
R
M
Measuring resistance @
T
A = 70°C
T
A = 85°C
R
M min RMmax RM min RMmax
with ± 12 V
@ I
PN [± ADC ]
0
221
0
214
Ω
@ I
PN [A RMS ]
2)
0
115
0
108
Ω
with ± 15 V
@ I
PN [± A DC ]
0
335
0
327
Ω
@ I
PN [A RMS ]
2)
0
195
0
188
Ω
I
SN
Secondary nominal current rms
25
mA
K
N
Conversion ratio
1 : 2000
V
C
Supply voltage (± 5 %)
± 12 .. 15
V
I
C
Current consumption
10 (@ ± 15V) + I
S mA
Accuracy - Dynamic performance data
X
Accuracy 3) @ I
PN, TA = 25°C
± 0.25
%
ε
L
Linearity error
< 0.15
%
Typ
Max
I
O
Offset current @ T
A = 25°C
± 0.15
mA
I
OM
Magnetic offset current @ I
P = 0 and specified RM,
after an overload of 5 x I
PN
± 0.10 ± 0.15
mA
I
OT
Temperature variation of I
O
0°C .. + 70°C
± 0.10 ± 0.30
mA
- 25°C .. + 85°C
± 0.10 ± 0.40
mA
t
r a
Reaction time @ 10 % of I
PN
< 200
ns
t
r
Response time 4) to 90 % of I
PN step
< 500
ns
di/dt
di/dt accurately followed
> 200
A/µs
BW
Frequency bandwidth (- 1 dB)
DC .. 200
kHz
General data
T
A
Ambient operating temperature
- 25 .. + 85
°C
T
S
Ambient storage temperature
- 40 .. + 90
°C
R
S
Secondary coil resistance
@ T
A = 70°C
115
Ω
@ T
A = 85°C
121
Ω
m
Mass
22
g
Standards
EN 50178: 1997
Notes: 1) For 10 s, with
R
M ≤ 71 Ω (VC = ± 15 V)
2)
50 Hz Sinusoidal
3) Without I
O & IOM
4) With a di/dt of 100 A/µs.
I
PN = 50 A
16010
Features
• Closed loop (compensated) current
transducer using the Hall effect
• Printed circuit board mounting
• Insulated plastic case recognized
according to UL 94-V0.
Advantages
• Excellent accuracy
• Very good linearity
• Low temperature drift
• Optimized response time
• Wide frequency bandwidth
• No insertion losses
• High immunity to external
interference
• Current overload capability.
Applications
• AC variable speed drives and servo
motor drives
• Static converters for DC motor drives
• Battery supplied applications
• Uninterruptible Power Supplies
(UPS)
• Switched Mode Power Supplies
(SMPS)
• Power supplies for welding
applications.
Application domain
• Industrial.


Similar Part No. - LAH50-P_07

ManufacturerPart #DatasheetDescription
logo
LEM
LAH50-P LEM-LAH50-P_06 Datasheet
86Kb / 2P
Current Transducer
More results

Similar Description - LAH50-P_07

ManufacturerPart #DatasheetDescription
logo
LEM
HAL100-S LEM-HAL100-S Datasheet
40Kb / 2P
Current Transducer
HAS50-S LEM-HAS50-S_06 Datasheet
723Kb / 2P
Current Transducer
HAT200-S LEM-HAT200-S Datasheet
374Kb / 3P
Current Transducer
HTFS200-P LEM-HTFS200-P_05 Datasheet
166Kb / 3P
Current Transducer
HX03-SP2 LEM-HX03-SP2 Datasheet
660Kb / 2P
Current Transducer
HXS50-NP LEM-HXS50-NP Datasheet
295Kb / 3P
Current Transducer
LA125-P LEM-LA125-P_06 Datasheet
66Kb / 2P
Current Transducer
LA200-P LEM-LA200-P_06 Datasheet
274Kb / 2P
Current Transducer
LF305-S LEM-LF305-S_06 Datasheet
190Kb / 3P
Current Transducer
LF2005-S LEM-LF2005-S_06 Datasheet
84Kb / 2P
Current Transducer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com