Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR6212DRJS Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR6212DRJS
Description  40 AMPS 1000 - 1200 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR6212DRJS Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR6212DRJS Datasheet HTML 1Page - Solid States Devices, Inc SDR6212DRJS Datasheet HTML 2Page - Solid States Devices, Inc SDR6212DRJS Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0177A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDR62
__ __ _J_ __ __
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
└
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Leg Bend
__ = Straight
DB = Down Bend
UB = Up Bend
Package
J = TO-257
S1 = SMD1 (CT configuration only)
Pin Configuration
CT: Common Cathode
CA: Common Anode
D: Doubler
DR: Doubler Reverse
Voltage
10 = 1000V
11 = 1100V
12 = 1200V
SDR6210CT thru
SDR6212CT Series
40 AMPS
1000 - 1200 VOLTS
35 nsec
HYPER FAST
CENTERTAP RECTIFIER
FEATURES:
Hyper Fast Recovery: 35 nsec Maximum
3/
High Surge Rating
Low Reverse Leakage Current
Low Junction Capacitance
Isolated Hermetically Sealed Package with
ceramic seals (TO-257)
Ultrasonic Aluminum Wire Bonds
Custom Lead Forming Available
TX, TXV, and Space Level Screening Available
Consult Factory.
2/
Upgrade to the HFA35HB120C
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage and
DC Blocking Voltage
SDR6210
SDR6211
SDR6212
VRRM
VRWM
VR
1000
1100
1200
Volts
Average Rectified Forward Current (Resistive Load, 60 Hz, Sine Wave, T
A=25
oC) 4/
IO
40
6/
Amps
Peak Surge Current (8.3 ms Pulse, Half Sine Wave, T
A=25
oC) 5/
IFSM
150
Amps
Operating and Storage Temperature
TOP & TSTG -65 to +200
oC
Maximum Thermal Resistance Junction to Case
4/
Junction to Case
5/
RJC
1.2
2.0
oC/W
NOTES:
1/ For ordering information, price, operating curves, and
availability - contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows
available on request.
3/ Recovery conditions: IF = 0.5 Amp, IR = 1.0 Amp, rec. to
0.25 Amp.
4/ Both legs tied together.
5/ Per leg.
6/ Doublers: IO= 20A/leg. TO257: max 30A in the center
tap; wirebond limited
TO-257
SMD1


Similar Part No. - SDR6212DRJS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR621 SSDI-SDR621 Datasheet
155Kb / 4P
ULTRA FAST RECOVERY RECTIFIER
SDR621 SSDI-SDR621 Datasheet
118Kb / 2P
HYPER FAST CENTERTAP RECTIFIER
SDR621-28 SSDI-SDR621-28 Datasheet
41Kb / 2P
20 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
SDR62159 SSDI-SDR62159 Datasheet
185Kb / 4P
20AMPS 100 - 200 VOLTS ULTRA FAST RECOVERY RECTIFIER
SDR62159S SSDI-SDR62159S Datasheet
185Kb / 4P
20AMPS 100 - 200 VOLTS ULTRA FAST RECOVERY RECTIFIER
More results

Similar Description - SDR6212DRJS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR620CTM SSDI-SDR620CTM Datasheet
36Kb / 2P
40 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST COMMOM CATHODE CENTERTAP RECTIFIER
SDR1210CTJ SSDI-SDR1210CTJ Datasheet
60Kb / 2P
12AMPS 1000 - 1200 VOLTS 70 nsec ULTRA FAST CENTERTAP RECTIFIER
SDR620CT SSDI-SDR620CT Datasheet
40Kb / 2P
40 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST COMMOM CATHODE CENTERTAP RECTIFIER
SDR9100CTN SSDI-SDR9100CTN Datasheet
237Kb / 2P
120 AMP 100- 200 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER
SDR620CT SSDI-SDR620CT Datasheet
168Kb / 2P
40 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST COMMOM CATHODE CENTERTAP RECTIFIER
SDR620CTJ SSDI-SDR620CTJ Datasheet
37Kb / 2P
40 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER
SDR640CT SSDI-SDR640CT Datasheet
320Kb / 2P
80 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER
SFA40PME SSDI-SFA40PME Datasheet
411Kb / 2P
68 AMPS 400 - 600 VOLTS 40 nsec HYPER FAST PDSITIVE CENTERTAP RECTIFIER
SDR5807CT SSDI-SDR5807CT Datasheet
318Kb / 2P
12 AMPS 50 - 300 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER
SDA9103CTNA SSDI-SDA9103CTNA Datasheet
235Kb / 2P
100 AMPS 300 - 500 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER 40MIL PINS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com