Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB15026 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MB15026
Description  16-bit Constant Current LED Sink Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MB15026 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MB15026 Datasheet HTML 1Page - List of Unclassifed Manufacturers MB15026 Datasheet HTML 2Page - List of Unclassifed Manufacturers MB15026 Datasheet HTML 3Page - List of Unclassifed Manufacturers MB15026 Datasheet HTML 4Page - List of Unclassifed Manufacturers MB15026 Datasheet HTML 5Page - List of Unclassifed Manufacturers MB15026 Datasheet HTML 6Page - List of Unclassifed Manufacturers MB15026 Datasheet HTML 7Page - List of Unclassifed Manufacturers MB15026 Datasheet HTML 8Page - List of Unclassifed Manufacturers MB15026 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MBI5026
16-bit Constant Current LED Sink Driver
August 2003, V0.9
- 2 -
Block Diagram
Terminal Description
Pin Name
Function
GND
Ground terminal for control logic and current
sink
SDI
Serial-data input to the shift register
CLK
Clock input terminal for data shift on rising
edge
LE
Data strobe input terminal
Serial data is transferred to the output latch
when LE is high. The data is latched when
LE goes low.
OUT0 ~ OUT15 Constant current output terminals
OE
Output enable terminal
When OE (active) low, the output drivers are
enabled; when OE high, all output drivers
are turned OFF (blanked).
SDO
Serial-data output to the following SDI of
next driver IC
R-EXT
Input terminal used to connect an external
resistor for setting up output current for all
output channels
VDD
5V supply voltage terminal
16-bit Shift Register
16-bit Output Latch
16-bit Output Driver
LE
SDI
CLK
SDO
16
16
GND
IO Regulator
R-EXT
VDD
OUT0
1
OUT
OUT14 OUT15
OE
GND
SDI
CLK
LE
OUT7
OE
SDO
R-EXT
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
OUT8
OUT6
OUT5
OUT4
OUT3
OUT2
OUT1
OUT0
OUT9
OUT10
OUT11
OUT12
OUT13
OUT14
OUT15
Pin Configuration
1
2
3
4
5
6
7
8
9
10
11
14
15
16
17
18
19
20
21
22
23
24
OUT1
OUT0
LE
CLK
SDI
GND
VDD
R-EXT
SDO
OE
OUT15
OUT14
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
OUT9
OUT10
OUT11
OUT12
OUT13
12
13
MBI5026CPA
MBI5026CN\CNS\CD\CF\CP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com