Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMB2S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RMB2S
Description  Surface Mount Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RMB2S Datasheet(HTML) 2 Page - Vishay Siliconix

  RMB2S_13 Datasheet HTML 1Page - Vishay Siliconix RMB2S_13 Datasheet HTML 2Page - Vishay Siliconix RMB2S_13 Datasheet HTML 3Page - Vishay Siliconix RMB2S_13 Datasheet HTML 4Page - Vishay Siliconix RMB2S_13 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RMB2S, RMB4S
www.vishay.com
Vishay General Semiconductor
Revision: 19-Aug-13
2
Document Number: 88705
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) On glass epoxy PCB mounted on 0.05" x 0.05" (1.3 mm x 1.3 mm) pads
(2) On aluminum substrate PCB with an area of 0.8" x 0.8" (20 mm x 20 mm) mounted on 0.05" x 0.05" (1.3 mm x 1.3 mm) solder pad
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge
Current Per Diode
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
RMB2S
RMB4S
UNIT
Maximum instantaneous forward
voltage per diode
IF = 0.4 A
VF
1.25
V
Maximum DC reverse current at rated DC blocking
voltage per diode
TA = 25 °C
IR
5.0
μA
TA = 125 °C
100
Maximum reverse recovery time per diode
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
150
ns
Typical junction capacitance per diode
4.0 V, 1 MHz
CJ
13
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
RMB2S
RMB4S
UNIT
Typical thermal resistance (1)
RJA (1)
85
°C/W
RJA (2)
70
RJL (1)
20
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
RMB4S-E3/45
0.22
45
100
Tube
RMB4S-E3/80
0.22
80
3000
13" diameter paper tape and reel
0
20
40
60
80
100
120
140
160
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Aluminum Substrate
Glass Epoxy PCB
Ambient Temperature (°C)
Resistive or Inductive Load
1
10
100
0
5
10
15
20
25
30
35
f = 60 Hz
f = 50 Hz
T
A = 40 °C
Single Half Sine-Wave
Number of Cycles
1.0 Cycle



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com