Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4922BEM Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE4922BEM
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4922BEM Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE4922BEM Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4922BEM Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4922BEM Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4922BEM Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4922BEM Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4922BEM Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ACE4922BEM
Dual N-Channel Enhancement Mode Field Effect Transistor
VER 1.1
2
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Continuous
ID
115
mA
Pulsed
IDP*1
800
Reverse Drain Current
Continuous
IDR
115
mA
Pulsed
IDR*1
800
Total Power Dissipation
Pd*2
225
mW
Channel Temperature
Tch
150
OC
Storage Temperature Range
Tstg
-55 to150
OC
Note:
1.
Pw≦10µs, Duty cycle≦1 %。
2.
When mounted on a 1*0.75*0.062 inch glass epoxy board。
Electrical CharacteristicsTA=25 OC unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
OFF CHARACTERISTICS(Note 2)
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0V, ID=10µA
60
V
Zero Gate Voltage Drain Current
IDSS
VDS=60V, VGS=0V
1.0
uA
Gate-source Leakage
IGSS
VGS=±20V, VDS=0V
±10
nA
ON CHARACTERISTICS(Note 2)
Gate Threshold Voltage
VGS(th)
VDS=VGS , ID= 250uA
1.0
1.85
2.5
V
Static Drain-Source
On-Resistance
RDS(ON)
VGS=10V, ID=0.5A
7.5
Ω
VGS=5V, ID=0.05A
7.5
Forward transfer admittance
gFS
VDS=10V, ID=0.2A
80
S
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
VDS=25V VGS=0V f=1.0MHz
25
50
pF
Output Capacitance
Coss
10
25
Reverse Transfer Capacitance
Crss
3.0
5.0
SWITCHING CHARACTERISTICS
Turn-On Delay Time
Td(on)
ID=0.2A,VDD=30V,
VGS=10V,RL=150Ω,RG=10Ω
12
20
ns
Turn-Off Delay Time
Td(off)
20
30
Note: Pw ≦ 300 µs, Duty cycle ≦ 1%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com