Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8FG Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8FG
Description  8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8FG Datasheet(HTML) 5 Page - National Semiconductor (TI)

  COP8FG Datasheet HTML 1Page - National Semiconductor (TI) COP8FG Datasheet HTML 2Page - National Semiconductor (TI) COP8FG Datasheet HTML 3Page - National Semiconductor (TI) COP8FG Datasheet HTML 4Page - National Semiconductor (TI) COP8FG Datasheet HTML 5Page - National Semiconductor (TI) COP8FG Datasheet HTML 6Page - National Semiconductor (TI) COP8FG Datasheet HTML 7Page - National Semiconductor (TI) COP8FG Datasheet HTML 8Page - National Semiconductor (TI) COP8FG Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
Connection Diagrams (Continued)
Pinouts for 28 -, 40- and 44-Pin Packages
Port
Type
Alt. Fun
28-Pin SO
40-Pin DIP
44-Pin PLCC
44-Pin PQFP
L0
I/O
MIWU
11
17
17
11
L1
I/O
MIWU or CKX
12
18
18
12
L2
I/O
MIWU or TDX
13
19
19
13
L3
I/O
MIWU or RDX
14
20
20
14
L4
I/O
MIWU or T2A
15
21
25
19
L5
I/O
MIWU or T2B
16
22
26
20
L6
I/O
MIWU or T3A
17
23
27
21
L7
I/O
MIWU or T3B
18
24
28
22
G0
I/O
INT
25
35
39
33
G1
I/O
WDOUT*
26
36
40
34
G2
I/O
T1B
27
37
41
35
G3
I/O
T1A
28
38
42
36
G4
I/O
SO
1
3
3
41
G5
I/O
SK
2
4
4
42
G6
I
SI
3
5
5
43
G7
I
CKO
4
6
6
44
D0
O
19
25
29
23
D1
O
20
26
30
24
D2
O
21
27
31
25
D3
O
22
28
32
26
D4
O
29
33
27
D5
O
30
34
28
D6
O
31
35
29
D7
O
32
36
30
F0
I/O
7
9
9
3
F1
I/O
COMP1IN−
8
10
10
4
F2
I/O
COMP1IN+
9
11
11
5
F3
I/O
COMP1OUT
10
12
12
6
F4
I/O
COMP2IN−
13
13
7
F5
I/O
COMP2IN+
14
14
8
F6
I/O
COMP2OUT
15
15
9
F7
I/O
16
16
10
C0
I/O
39
43
37
C1
I/O
40
44
38
C2
I/O
1
1
39
C3
I/O
2
2
40
C4
I/O
21
15
C5
I/O
22
16
C6
I/O
23
17
C7
I/O
24
18
V
CC
68
8
2
GND
23
33
37
31
CKI
I
5
7
7
1
RESET
I24
34
38
32
* G1 operation as WDOUT is controlled by ECON bit 2.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com