Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC875ZT80 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC875ZT80
Description  Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875ZT80 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC875ZT80 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC875ZT80 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC875ZT80 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC875ZT80 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC875ZT80 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC875ZT80 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC875ZT80 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC875ZT80 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC875ZT80 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 84 page
background image
MPC875/MPC870 Hardware Specifications, Rev. 3.0
Freescale Semiconductor
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
13
Power Supply and Power Sequencing
7.6 References
Semiconductor Equipment and Materials International
(415) 964-5111
805 East Middlefield Rd
Mountain View, CA 94043
MIL-SPEC and EIA/JESD (JEDEC) specifications
800-854-7179 or
(Available from Global Engineering Documents)
303-397-7956
JEDEC Specifications
http://www.jedec.org
1. C.E. Triplett and B. Joiner, “An Experimental Characterization of a 272 PBGA Within an Automotive
Engine Controller Module,” Proceedings of SemiTherm, San Diego, 1998, pp. 47-54.
2. B. Joiner and V. Adams, “Measurement and Simulation of Junction to Board Thermal Resistance and Its
Application in Thermal Modeling,” Proceedings of SemiTherm, San Diego, 1999, pp. 212-220.
8
Power Supply and Power Sequencing
This section provides design considerations for the MPC875/870 power supply. The MPC875/870 has a
core voltage (VDDL) and PLL voltage (VDDSYN), which both operate at a lower voltage than the I/O voltage
VDDH. The I/O section of the MPC875/870 is supplied with 3.3 V across VDDH and VSS (GND).
The signals PA[0:3], PA[8:11], PB15, PB[24:25]; PB[28:31], PC[4:7], PC[12:13], PC15] PD[3:15], TDI,
TDO, TCK, TRST, TMS, MII_TXEN, and MII_MDIO are 5-V tolerant. No input can be more than 2.5 V
greater than VDDH. In addition, 5 V-tolerant pins cannot exceed 5.5 V, and remaining input pins cannot
exceed 3.465 V. This restriction applies to power up/down and normal operation.
One consequence of multiple power supplies is that when power is initially applied, the voltage rails ramp
up at different rates. The rates depend on the nature of the power supply, the type of load on each power
supply, and the manner in which different voltages are derived. The following restrictions apply:
•VDDL must not exceed VDDH during power up and power down.
•VDDL must not exceed 1.9 V, and VDDH must not exceed 3.465 V.
These cautions are necessary for the long-term reliability of the part. If they are violated, the electrostatic
discharge (ESD) protection diodes are forward-biased, and excessive current can flow through these diodes.
If the system power supply design does not control the voltage sequencing, the circuit shown in Figure 3
can be added to meet these requirements. The MUR420 Schottky diodes control the maximum potential
difference between the external bus and core power supplies on power up, and the 1N5820 diodes regulate
the maximum potential difference on power down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com