Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTSR15-NP Datasheet(PDF) 2 Page - LEM

Part # LTSR15-NP
Description  Current Transducer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LTSR15-NP Datasheet(HTML) 2 Page - LEM

  LTSR15-NP_11 Datasheet HTML 1Page - LEM LTSR15-NP_11 Datasheet HTML 2Page - LEM LTSR15-NP_11 Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2/3
110214/13
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
EN 50178
EIC 61010-1
dCp, dCI,
Rated insulation voltage
Nominal voltage
Single insulation
600 V
600 V
Reinforced insulation
300 V
300 V
Current Transducer LTSR 15-NP
General data
T
A
Ambient operating temperature
- 40 .. + 85
°C
T
S
Ambient storage temperature
- 40 .. + 100
°C
m
Mass
10
g
Standards 1)
EN 50178: 1997
IEC 60950-1: 2001
Isolation characteristic
V
d
Rms voltage for AC isolation test, 50 Hz, 1 min
3
kV
V
w
Impulse withstand voltage 1.2/50 µs
> 8
kV
Min
V
e
Rms voltage for partial discharge extinction 10 pC
> 1.5
kV
Min
dCp
Creepage distance 2)
15.35
mm
dCI
Clearance distance 3)
6.2
mm
CTI
Comparative Tracking Index (group IIIa)
175
Applications examples
According to EN 50178 and CEI 61010-1 standards and following conditions:
● Over voltage category OV 3
● Pollution degree PD2
● Non-uniform field
Notes: 1)On housing
2) On PCB with soldering pattern UTEC93-703.
Safety
This transducer must be used in electric/electronic equipment with respect to applicable
standards and safety requirements in accordance with the manufacturer’s operating
instructions.
Caution, risk of electrical shock
When operating the transducer, certain parts of the module can carry hazardous voltage (eg.
primary busbar, power supply).
Ignoring this warning can lead to injury and/or cause serious damage.
This transducer is a built-in device, whose conducting parts must be inaccessible after
installation.
A protective housing or additional shield could be used.
Main supply must be able to be disconnected.
V
w



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com