Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT500 Datasheet(PDF) 1 Page - LEM

Part # RT500
Description  Split core type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

RT500 Datasheet(HTML) 1 Page - LEM

  RT500 Datasheet HTML 1Page - LEM RT500 Datasheet HTML 2Page - LEM RT500 Datasheet HTML 3Page - LEM RT500 Datasheet HTML 4Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1/4
11December2013/version 2 LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
N° 97.F9.50.000.0
RT 500
Flexible split-core Rogowski coil for the electronic measurement
of AC waveform currents, with galvanic separation between the
primary circuit (power) and the secondary circuit (measurement).
The patented Perfect Loop Technology definitely solves the problem
of the Rogowski coil opening by introducing a specific magnetic
device. This dramatically reduces both the error due to the position of
the measured conductor within the sensor, and the error due to the
proximity of external conductors.
Electrical data
I
PN
Primary nominal rms current
500
A
M
Mutual inductance transfer ratio 1) (± 5 %)
0.064
µH
V
out
Output voltage (instantaneous) 2) V
out = M ×
V
V
out
Output voltage (sinusoidal wave) 2) V
out = 2 × π × M × f × IP AC
V
Example: @ 50 Hz, 500 A
V
out = 2 × π × 64 × 10
-9
×50 ×500=10.05mV
L
S
Coil inductance (± 5 %)
125
µH
R
S
Coil resistance T
A = 20 °C typical
40
Ω
High cut-off frequency 2)
700
kHz
Accuracy - Dynamic performance data
ε
L
Linearity error
none
TCM
Temperature coefficient of M
30
ppm/K
ε
P
Positioning error 3) max
0.65
%
General data
T
A
Ambient operating temperature (90 % RH)
- 10 .. + 65
°C
T
S
Ambient storage temperature
- 25 .. + 70
°C
m
Mass
85
g
IPxx
Protection degree
IP 2X
Standards
Safety
IEC 61010-1: 2001 2nd edition
IEC 61010-2-032: 2002
IEC 61010-031: 2002 + Amd 1: 2008
Notes: 1) LEM provides uncalibrated coils with up to 5 % manufacturing tolerance.
Calibration must be performed within the final application.
2)
Open circuit condition (no load).
3)
Considering a primary conductor of at least Ø 15 mm perpendicular to
the RT loop.
Features
● Split core type
● Ø 70 mm sensing aperture for
non-contact measurement
● 1.5 m output cable
● Insulating plastic case recognized
according to UL 94-V0.
Advantages
● Thin, lightweight and flexible
● Easy installation suitable even for
the most confined spaces
● Very low positioning error.
Applications
● Power meters
Current measurement for active
Power calculation.
● Energy sub-meters
For energy efficiency monitoring,
consumption analysis and costs
allocation.
● Power quality monitoring
● Condition monitoring
(e.g. Motor loads such as
conveyers, pumps or HVAC).
● Distributed measurement
systems.
Application domain
● Energy Solutions.
dI
P
dt


Similar Part No. - RT500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RT500 VISHAY-RT500 Datasheet
95Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT500 VISHAY-RT500 Datasheet
94Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
logo
Richtek Technology Corp...
RT5002 RICHTEK-RT5002 Datasheet
788Kb / 40P
7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
logo
Vishay Siliconix
RT500AS1000JB VISHAY-RT500AS1000JB Datasheet
94Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT500AS1000KB VISHAY-RT500AS1000KB Datasheet
94Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
More results

Similar Description - RT500

ManufacturerPart #DatasheetDescription
logo
LEM
RT2000 LEM-RT2000 Datasheet
672Kb / 4P
Split core type
logo
Beijing Yaohuadechang E...
SCT-013 YHDC-SCT-013 Datasheet
2Mb / 1P
Split core current transformer
logo
MPS Industries, Inc.
P4019 MPSIND-P4019 Datasheet
374Kb / 1P
SPLIT CORE CURRENT TRANSFORMER
logo
Beijing Yaohuadechang E...
SCT016S YHDC-SCT016S Datasheet
678Kb / 1P
Split core current transformer
SCT12080QT YHDC-SCT12080QT Datasheet
9Mb / 1P
Split core current transformer
ZST14032BT YHDC-ZST14032BT Datasheet
1Mb / 1P
split core rectangle type zero sequence current transformer
SCT013-005 YHDC-SCT013-005 Datasheet
5Mb / 1P
Split core current transformer
SCT032BT YHDC-SCT032BT Datasheet
7Mb / 1P
Split core current transformer
SCT8050QT YHDC-SCT8050QT Datasheet
7Mb / 1P
Split core current transformer
logo
Carlo Gavazzi Holding A...
CTD-10S CARLOGAVAZZI-CTD-10S Datasheet
301Kb / 2P
Accessories AC Split-Core Current Transformer Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com