Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-01-30G Datasheet(PDF) 3 Page - LEM

Part # SC-01-30G
Description  SC Coils, SC-G/GS Small Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

SC-01-30G Datasheet(HTML) 3 Page - LEM

  SC-01-30G Datasheet HTML 1Page - LEM SC-01-30G Datasheet HTML 2Page - LEM SC-01-30G Datasheet HTML 3Page - LEM SC-01-30G Datasheet HTML 4Page - LEM SC-01-30G Datasheet HTML 5Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
LF0011_SC-G/GS • 6/16/2014
AC Line Filters – SC Coils, SC-G/GS Small Type
Specifications
Frequency Characteristics
Notes on Use
Shelf Life
• Usewithin6months.Iftheproductisusedafterastorageperiodof6monthsorlonger,confirmitssolderabilitybeforeuse.
Storage Condition
• Avoidstorageinhightemperatureandhighhumidityenvironment,assuchconditionmaydeterioratethesolderabilityofexternal
electrode.
• Avoid storage in atmosphere containing toxic gases or acid (e.g., sulphur and chlorine), as such gas may deteriorate the
solderabilityofexternalelectrode.
• Avoidstoragenearstrongmagneticfield,assuchconditionmaymagnetizetheproduct.
AC Line Filters
21
Common mode
Frequency characteristic
1M
100K
10K
1K
100
10
1
01-50G
01-20G
01-10G
01-06G
01-30G
02-30G
02-20G
02-10G
02-06G
03-06G
01-80G
01-E150G
01-E100G
01-E121G
01-20GS
02-10GS
03-05GS
03-10G
02-10GS
Frequency (Hz)
1K
10K
100K
1M
10M 30M
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
36
1
3
6
1
36
1
3
6
1
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
36
1
3
6
1
36
1
3
6
1
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
36
1
3
6
1
36
1
3
6
1
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
36
1
3
6
1
36
1
3
6
1
3
Item
SC-G/GS
Rated Voltage
250 VAC/VDC
Withstanding Voltage
2400V(2seconds,betweenlines)
Insulation Resistance
>100MΩ@500VDC(betweenlines)
Thermal Class
A(105°C)orE(120°C),seeTable1footnotes
Operating Temperature Range
-25ºC to T
T = 105 - temperature rise (Thermal Class A)
T = 120 - temperature rise (Thermal Class E)
Inductance Measurement Condition
100 kHz, 1 mA, KC547



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com