Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-01-10GS Datasheet(PDF) 1 Page - LEM

Part # SC-01-10GS
Description  SC Coils, SC-G/GS Small Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

SC-01-10GS Datasheet(HTML) 1 Page - LEM

  SC-01-10GS Datasheet HTML 1Page - LEM SC-01-10GS Datasheet HTML 2Page - LEM SC-01-10GS Datasheet HTML 3Page - LEM SC-01-10GS Datasheet HTML 4Page - LEM SC-01-10GS Datasheet HTML 5Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
LF0011_SC-G/GS • 6/16/2014
One world. One KEMET
Benefits
• Widevarietyofsizesandspecifications
• Inductances up to 2.0 mH
• Rated Currents up to 20 A
• DCResistancesaslowas8mΩ
Overview
TheKEMETSCCoils,SC-G/GSSmallTypeAClinefiltersare
offeredinawidevarietyofsizesandspecifications.
Applications
• Consumer Electronics
• Common mode choke
AC Line Filters
SC Coils, SC-G/GS Small Type
Part Number System
SC-
01-
E
150
G
Series
Rated Current (A)
Thermal Class
Minimum Inductance (mH)
Terminal Base Type
SC-
0x- = x A (e.g., 02- = 2 A)
Blank = Class A
E = Class E
0x = 0.x mH (e.g., 06 = 0.6 mH)
x0 = x.0 mH (e.g., 20 = 2.0 mH)
x00 = x0.0 mH (e.g., 100 = 10.0 mH)
xx0 = xx.0 mH (e.g., 150 = 15.0 mH)
Note: Code 121 = 12.0 mH
G
GS
AC Line Filters
20
Common mode
SC-01-06G
60
SC-01-10G
70
SC-01-20G
100
SC-01-30G
120
0.4
0.4
0.4
0.4
1
1
1
1
0.6
1.0
2.0
3.0
5
5
5
6
40
40
40
40
SC-01-50G
150
0.4
1
5.0
7
40
SC-01-80G
300
0.35
1
8.0
6
40
SC-01-E100G ※
350
0.35
1
10.0
6
40
SC-01-E121G ※
400
0.35
1
12.0
6
40
SC-01-E150G ※
450
0.35
1
15.0
6
40
SC-02-06G
50
0.5
2
0.6
6
40
SC-02-10G
50
0.5
2
1.0
7
40
SC-02-20G
70
0.5
2
2.0
8
40
SC-02-30G
85
0.5
2
3.0
9
40
SC-03-06G
30
0.6
3
0.6
7
40
SC-03-10G
35
0.6
3
1.0
8
40
SC-01-10GS
130
0.3
1
1.0
2
40
SC-01-20GS
180
0.3
1
2.0
2
40
SC-02-10GS
80
0.4
2
1.0
3
40
SC-03-05GS
45
0.45
106
110
120
130
150
180
100
121
—
206
210
220
230
306
310
—
—
—
—
3
0.5
3
45
• Rated voltage: 250VAC/VDC
• Withstanding voltage: AC 2400V (2 sec between lines)
• Insulation resistance: at 500VDC, more than 100M (between lines)
• Thermal class: A (105˚C) or *E (120˚C)
• Operating temperature range (˚C): –25 to T (T=105–temperature rise *T=120–temperature rise)
• Inductance measurement condition:100kHz, 1mA, KC547 (*=1mA, KC547)
Shape and Dimensions
Model
DC resistance
(m /line)
max.
Temperature
rise(K)
max.
Inductance
(mH)
min.
Weight
approx.
(g)
Rated
current
(A)
Marking
Wire size
(mmø)
※
Pin pitch are for reference only. Not guaranteed values. [mm]
bSC-GS
bSC-G
Marking
17.5 max.
14 max.
(8.0)
15 max.
8.5 max.
(6.0)
※
※
※
※
N1
N2
N1
N2
N1
N2
N1
N2
SC Coils – Small Type
SC-G/GS Type
[RoHS Compliant]
SC Coils – Small Type
SC-G/GS Type
[RoHS Compliant]


Similar Part No. - SC-01-10GS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SC-01-10GS KEMET-SC-01-10GS Datasheet
74Kb / 1P
Choke, SC-G/GS, 1000 uH
SC-01-10GS KEMET-SC-01-10GS Datasheet
442Kb / 5P
SC Coils, SC-G/GS Small Type
SC-01-10GS KEMET-SC-01-10GS Datasheet
509Kb / 9P
Common Mode SC Coils, SC-G/GS Series, Small Type
More results

Similar Description - SC-01-10GS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SC-01-10GS KEMET-SC-01-10GS Datasheet
74Kb / 1P
Choke, SC-G/GS, 1000 uH
SC-01-E150G KEMET-SC-01-E150G Datasheet
442Kb / 5P
SC Coils, SC-G/GS Small Type
SC-01-20GS KEMET-SC-01-20GS_17 Datasheet
74Kb / 1P
Choke, SC-G/GS, 2000 uH
SC-02-10GS KEMET-SC-02-10GS_17 Datasheet
74Kb / 1P
Choke, SC-G/GS, 1000 uH
SC-01-30G KEMET-SC-01-30G_17 Datasheet
101Kb / 1P
Choke, SC-G/GS, 3000 uH
SC-10-20J KEMET-SC-10-20J Datasheet
412Kb / 5P
SC Coils, SC-J Terminal Base Type
SC-02-20JS KEMET-SC-02-20JS Datasheet
334Kb / 4P
SC Coils, SC-JS Terminal Base Type
SC-02-300JV KEMET-SC-02-300JV Datasheet
307Kb / 4P
SC Coils, SC-JV Terminal Base Type
SC-10-20JH KEMET-SC-10-20JH Datasheet
367Kb / 4P
SC Coils, SC-JH Terminal Base Type
SC-01-06G KEMET-SC-01-06G_V01 Datasheet
509Kb / 9P
Common Mode SC Coils, SC-G/GS Series, Small Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com