Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT14DN102JC Datasheet(PDF) 1 Page - Kemet Corporation

Part # HT14DN102JC
Description  Capacitor, Ceramic
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

HT14DN102JC Datasheet(HTML) 1 Page - Kemet Corporation

  HT14DN102JC Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/27/2016 - c7694e40-53f7-4a80-9bbf-a18669716846
KEMET Part Number: HT14DN102JC
Capacitor, Ceramic, 1000 pF, +/-5% Tol, 200 V, C0G
L
F
LL
D
Dimensions (mm)
Symbol
Dimension
Tolerance
D
3.94
MAX
L
10.16
MAX
LL
31.75
MIN
F
0.635
NOM
Notes:
-Lead Length Shown Is For Parts Supplied In Bulk, See
Packaging Specifications For Lead Lengths When Not Provided
In Bulk
General Information
Supplier: KEMET
Application: 200C
Temperature Coefficient: C0G
Body Type: Axial Molded
Lead Type: Wire Leads
Termination Type: Tin-Lead (SnPb)
RoHS: No
Specifications
Capacitance: 1000 pF
Voltage: 200 V
Tolerance: +/-5%
Temperature Range: -55/+200C
Failure Rate: N/A
Dissipation Factor: 0.15%
Insulation Resistance: 100 GOhm
Dielectric Strength: 500 V
Packaging Specifications
Package Kind: Bulk
Package Type: Bag
Package Quantity: 1
© 2006-2016 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - HT14DN102JC

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HT14 TSC-HT14 Datasheet
62Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT14 TSC-HT14 Datasheet
272Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT14 TSC-HT14 Datasheet
549Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT14 TSC-HT14 Datasheet
376Kb / 4P
High Efficient Rectifiers
logo
BOE Technology Group Co...
HT140WXB 101 BOE-HT140WXB 101 Datasheet
1Mb / 35P
1 Channel LVDS Interface with 1 pixel / clock
2010.2.11 Rev. 0
More results

Similar Description - HT14DN102JC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ARR09F125MGS KEMET-ARR09F125MGS Datasheet
51Kb / 1P
Capacitor, ceramic
HP06DW254KC KEMET-HP06DW254KC Datasheet
51Kb / 1P
Capacitor, ceramic
HT55BB562KN KEMET-HT55BB562KN Datasheet
49Kb / 1P
Capacitor, ceramic
C052H104K5G5GAT500 KEMET-C052H104K5G5GAT500 Datasheet
53Kb / 1P
Capacitor, ceramic
C315C301J1G5TA KEMET-C315C301J1G5TA Datasheet
56Kb / 1P
Capacitor, ceramic
C316C103K5R5TA KEMET-C316C103K5R5TA Datasheet
56Kb / 1P
Capacitor, ceramic
C317C160J5G5TA KEMET-C317C160J5G5TA Datasheet
56Kb / 1P
Capacitor, ceramic
C317C360J5G5TA KEMET-C317C360J5G5TA Datasheet
56Kb / 1P
Capacitor, ceramic
C322C123K5R5TA KEMET-C322C123K5R5TA Datasheet
56Kb / 1P
Capacitor, ceramic
C322C152K5R5TA KEMET-C322C152K5R5TA Datasheet
56Kb / 1P
Capacitor, ceramic
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com