Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N413 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # N413
Description  7-bit and 8-bit codes and their extension
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

N413 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button N413 Datasheet HTML 3Page - List of Unclassifed Manufacturers N413 Datasheet HTML 4Page - List of Unclassifed Manufacturers N413 Datasheet HTML 5Page - List of Unclassifed Manufacturers N413 Datasheet HTML 6Page - List of Unclassifed Manufacturers N413 Datasheet HTML 7Page - List of Unclassifed Manufacturers N413 Datasheet HTML 8Page - List of Unclassifed Manufacturers N413 Datasheet HTML 9Page - List of Unclassifed Manufacturers N413 Datasheet HTML 10Page - List of Unclassifed Manufacturers N413 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ISO/IEC 8859-4:1997 (E)
© ISO/IEC
ISO/IEC 2022:1994,
Information technology –
Character code structure and extension techniques.
ISO/IEC 4873:1991,
Information technology –
ISO 8-bit
code
for
information
interchange
–
Structure and rules for implementation.
ISO/IEC 8824-1:1995,
Information technology –
Abstract Syntax Notation One (ASN.1): Specifica-
tion of basic notation.
4 Definitions
For the purposes of this part of ISO/IEC 8859 the
following definitions apply:
4.1 bit combination: An ordered set of bits used
for the representation of characters.
4.2 byte: A bit string that is operated upon as a unit.
4.3 character:
A member of a set of elements
used for the organization, control, or representation
of data.
4.4 code table:
A table showing the characters
allocated to each bit combination in a code.
4.5 coded character set; code:
A set of
unambiguous rules that establishes a character set
and
the
one-to-one
relationship
between
the
characters of the set and their bit combinations.
4.6 coded-character-data-element
(CC-data-
element): An element of interchanged information
that is specified to consist of a sequence of coded
representations of characters, in accordance with
one
or
more
identified
standards
for
coded
character sets.
4.7 graphic character: A character, other than a
control function, that has a visual representation
normally handwritten, printed or displayed, and that
has a coded representation consisting of one or
more bit combinations.
NOTE – In ISO/IEC 8859 a single bit combination is used
to represent each character.
4.8 graphic symbol: A visual representation of a
graphic character or of a control function.
4.9 position: That part of a code table identified
by its column and row coordinates.
5 Notation, code table, and names
5.1 Notation
The bits of the bit combinations of the 8-bit code are
identified by b
8,b7,b6,b5,b4,b3,b2, and b1, where
b
8 is the highest-order, or most-significant bit and b1
is the lowest-order, or least-significant bit.
The bit combinations may be interpreted to represent
numbers
in binary
notation by
attributing the
following weights to the individual bits:
Using these weights, the bit combinations are
Bit
b
8
b
7
b
6
b
5
b
4
b
3
b
2
b
1
Weight
128
64
32
16
8
4
2
1
identified by notations of the form xx/yy, where xx
and yy are numbers in the range 00 to 15.
The
correspondence between the notations of the form
xx/yy and the bit combinations consisting of the bits
b
8 to b1 is as follows:
– xx is the number represented by b
8,b7,b6 and b5
where these bits are given the weights 8, 4, 2, and
1 respectively.
– yy is the number represented by b
4,b3,b2 and b1
where these bits are given the weights 8, 4, 2, and
1 respectively.
The bit combinations are also identified by notations
of the form hk, where h and k are numbers in the
range 0 to F in hexadecimal notation. The number
h is the same as the number xx described above,
and the number k the same as the number yy
described above.
5.2 Layout of the code table
An 8-bit code table consists of 256 positions
arranged in 16 columns and 16 rows. The columns
and the rows are numbered 00 to 15.
In hexa-
decimal notation the columns and the rows are
numbered 0 to F.
The code table positions are identified by notations
of the form xx/yy, where xx is the column number
and yy is the row number.
The column and row
numbers are shown at the top and left edges of the
table respectively.
The code table positions are
also identified by notations of the form hk, where h
is the column number and k is the row number in
hexadecimal notation.
The column and row
numbers are shown at the bottom and right edges of
the table respectively.
The positions of the code table are in one-to-one
correspondence with the bit combinations of the
code. The notation of a code table position, of the
form xx/yy, or of the form hk, is the same as that of
the corresponding bit combination.
5.3 Names and meanings
This part of ISO/IEC 8859 assigns a unique name
and a unique identifier to each graphic character.
These names and identifiers have been taken from
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com